Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1111C-0005 Datasheet(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

Part # SB1111C-0005
Description  Single Color Low Current Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SB1111C-0005 Datasheet(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Back Button SB1111C-0005 Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. SB1111C-0005 Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
2010.12.01
Page 8
Single Color Low Current Type (I
F=5mA)
1111C Series
Ambient Temperature vs. Relative Intensity
Condition : I
F=5mA
Ambient Temperature : Ta(℃)
Derating
Ambient Temperature vs. Maximum Forward Current
Repetition Frequency : f ≧ 50Hz, Pulse Width tw≦1msec
Ambient Temperature : Ta(℃)
Technical Data (SB)
0
10
20
30
40
50
60
-40
10
60
110
Duty=5%
Duty=10%
Duty=20%
Duty=50%
DC
0.1
1.0
10.0
-40
-20
0
20
40
60
80
100
Ambient Temperature vs Forward Voltage
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
-40
-20
0
20
40
60
80
100
120
Ambient Temperature : Ta (℃)
Condition:IF=2~15mA
IF=10mA
IF=15mA
IF=2mA
IF=5mA
Ambient Temperature vs Dominant spectra
465
470
475
-40
-20
0
20
40
60
80
100
ambient Temperature : Ta (℃)
Condition:IF=5mA


Similar Part No. - SB1111C-0005

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SB1111C-0005 STANLEY-SB1111C-0005 Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
SB1111C-0005 STANLEY-SB1111C-0005 Datasheet
465Kb / 24P
   Single Color Low Current Type (IF=5mA)
SB1111C-0005 STANLEY-SB1111C-0005_11 Datasheet
465Kb / 24P
   Single Color Low Current Type (IF=5mA)
More results

Similar Description - SB1111C-0005

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SB1111C-0005 STANLEY-SB1111C-0005_11 Datasheet
465Kb / 24P
   Single Color Low Current Type (IF=5mA)
PY1101W-TR STANLEY-PY1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
BR1101W-TR STANLEY-BR1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
AY1112H-TR STANLEY-AY1112H-TR Datasheet
431Kb / 21P
   Single Color 2125 Type
AA1102W-TR STANLEY-AA1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PY1102W-TR STANLEY-PY1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com