Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM-461 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # FM-461
Description  Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FM-461 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  FM-461_10 Datasheet HTML 1Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 2Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 3Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 4Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 5Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 6Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 7Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 8Page - Interpoint Corporation Company FM-461_10 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Typical Performance Curves: 25°C Tc , nominal Vin, unless otherwise specified.
90
70
50
30
.015
.1
1
10
50
10
FREQUENCY (MHz)
CE03 Limit
FIgure 6
MHE Converter Without Filter
90
70
50
30
.015
.1
1
10
50
10
FREQUENCY (MHz)
CE03 Limit
FIgure 7
MHE Converter With FM-461 EMI Filter
model numbering key
FMB - 461
F / ES
Base Model
MIL-STD-461 reference
Screening
FM, FMA, or FMB
(Standard screening has no designator
in this position)
Case Option
(Non-flanged case has no designator in
this position)
pin out
1
2
3
4
5
Squared corner and dot on top
of package indicate pin one.
BOTTOM VIEW
FM-461, FMA-461, FMB-461
Dotted line outlines flanged package option.
See cases H3, H5, K4, and K6, for dimensions.
FIgure 5: pIN ouT
pin designation
1
Positive Input
2
Positive output
3
Case Ground
4
Output Common
5
Input Common
FM-461, FMA-461
AND FMB-461
1.75 To 5 AMP
eMI INpuT FILTerS
Page 4 of 9
FM/A/B Rev C 20100212
www.interpoint.com


Similar Part No. - FM-461_10

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FM-461F/ES INTERPOINT-FM-461F/ES Datasheet
197Kb / 11P
   EMI INPUT FILTERS 28 VOLT INPUT
More results

Similar Description - FM-461_10

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
   Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
   Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
FMCE-1528 INTERPOINT-FMCE-1528 Datasheet
1Mb / 13P
   Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
logo
MICORO CRYSTAL SWITZERL...
MCSO6 MICROCRYSTAL-MCSO6 Datasheet
278Kb / 2P
   From 10 kHz up to 155 MHz
MCSO2 MICROCRYSTAL-MCSO2 Datasheet
319Kb / 2P
   From 10 kHz up to 225 MHz
MCSO1 MICROCRYSTAL-MCSO1_17 Datasheet
415Kb / 2P
   From 10 kHz up to 225 MHz
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
   Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
   Attenuation: 1.0 dB steps to 15 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com