Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMCE-0328 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # FMCE-0328
Description  Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-0328 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  FMCE-0328 Datasheet HTML 1Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 2Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 3Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 4Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-0328 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
See cases E3 and G3 for dimensions.
Figure 3: Pin Out
Notes
1. All pins must be connected.
PIn OuT
Pin 1
Designation
1
Positive Input
2
Positive Output
3
Case Ground
4
Output Common
5
Input Common
BOTTOM VIEW
FMCE-0328
NON-FLANGED
AND FLANGED
Dot on top of cover
indicates pin one.
Dotted line outlines flanged package option.
1
2
5
4
3
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 3 of 10
FMCE-0328 EMI Input Filter
28 VOLT InPuT – 3 AMP
FMCE-0328 Rev D - 20100413


Similar Part No. - FMCE-0328

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528-TR INTERPOINT-FMCE-0528-TR Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
   Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
FMCE-0828-F/883 INTERPOINT-FMCE-0828-F/883 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
FMCE-0828/883 INTERPOINT-FMCE-0828/883 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
More results

Similar Description - FMCE-0328

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
   Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
   Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
FMCE-1528 INTERPOINT-FMCE-1528 Datasheet
1Mb / 13P
   Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
   Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
KR Electronics, Inc.
3088 KR-3088 Datasheet
58Kb / 3P
   3.4 KHz Notch Frequency 2.44 KHz typical 3 dB Bandwidth High Attenuation in Notch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com