Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMCE-0828 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # FMCE-0828
Description  Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-0828 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  FMCE-0828 Datasheet HTML 1Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 2Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 3Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 4Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-0828 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Electrical Characteristics: -55° to +125°C TC, nominal Vin, unless otherwise specified.
Note
1. guaranteed by design, not tested.
2. 0.5 ohm source impedance
3. Typical applications result in Vout within 3% of Vin.
MODEL
FMCE-0828
paRaMeteR
cOndItIOns
MIN
TYP
MAX
unIts
Input vOltage
cOntInuOus
-0.5
28
50
VDC
tRansIent, 1 sec 1, 2
-0.5
80
V
nOIse ReJectIOn
500 khz
50
60
dB
1 Mhz
50
60
dc ResIstance (Rdc)
25°c
0.080
0.100
Ω
at MaXIMuM cuRRent
tc = -55 and +125°c 1
0.095
0.110
capacItance
anY pIn tO case
tc = 25°c
50,000
60,000
70,000
pF
Output vOltage 3
steadY state
VOUT = VIN - IIN (RDC)
VDC
Output cuRRent
steadY state
vIn = 0 - 50 vdc
8
A
pOWeR dIssIpatIOn
at MaXIMuM cuRRent 1
tc = 25°c
5.1
6.4
W
tc = 125°c
6.1
7.0
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 5 of 11
FMce-0828 eMi input Filters
28 Volt input – 8 aMp
FMCE-0828 Rev E - 20100427


Similar Part No. - FMCE-0828

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMCE-0828-F/883 INTERPOINT-FMCE-0828-F/883 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
FMCE-0828/883 INTERPOINT-FMCE-0828/883 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
More results

Similar Description - FMCE-0828

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-1528 INTERPOINT-FMCE-1528 Datasheet
1Mb / 13P
   Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
   Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
   Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
logo
KR Electronics, Inc.
3088 KR-3088 Datasheet
58Kb / 3P
   3.4 KHz Notch Frequency 2.44 KHz typical 3 dB Bandwidth High Attenuation in Notch
logo
JMK Inc.
ZA-2075-8 JMK-ZA-2075-8 Datasheet
182Kb / 1P
   designed for systems operating under the requirements of MIL-STD-461C
ZF-1346-6.3 JMK-ZF-1346-6.3 Datasheet
64Kb / 1P
   The ZF-1346-6.3 filter is configured to be compatible with MIL-Std-461C.
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
   Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com