Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FME270-461 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # FME270-461
Description  Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME270-461 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  FME270-461_10 Datasheet HTML 1Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 2Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 3Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 4Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 5Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 6Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 7Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 8Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Description
The FME270 Series™ EMI filters are specifically designed to
reduce the reflected input ripple current of Interpoint’s high
frequency DC/DC converters. FME270 filters minimize electro-
magnetic interference (EMI) for the MHP270 Series of converters.
These filters are intended for use in 270 volt applications which
must meet MIL-STD-461C CE03 levels of conducted emissions.
One filter can be used with multiple converters up to the rated
output current of the filter.
Input RIpple and eMI
Switching DC/DC converters naturally generate two noise compo-
nents on the power input line: differential noise and common
mode noise. Input ripple current refers to both of these compo-
nents. Differential noise occurs between the positive input and
input common. Most Interpoint converters have an input filter that
reduces differential noise which is sufficient for many applica-
tions. Common mode noise occurs across stray capacitances
between the converter’s power train components and the base-
plate (bottom of the package) of the converter.
Where low noise currents are required to meet MIL-STD-461C,
a power line filter is needed. The FME270 EMI power line filters
reduces the common mode and differential noise generated by
the converters. FME270 filters reduce input ripple current by as
much as 50 dB at 500 kHz and 55 dB at 1 MHz when used in
conjunction with Interpoint’s DC/DC converters.
Place the filter as close as possible to the converter for optimum
performance. The baseplates of the filter and the converter
should be connected with the shortest and widest possible
conductors.
tRansIents
A transient of -500 to +500 V for up to 100 ms will not damage
the filter but will be passed on to the converter:
OpeRatIOn OveR teMpeRatuRe
The FME270-461 Series filters are rated for full power opera-
tion from -55°C to +125°C case temperature. Current is derated
linearly to zero at +135°C case temperature.
InseRtIOn lOss
The maximum dc insertion loss at full load and nominal input
voltage represents a power loss of less than 4%.
packagIng
FME270-461 filters are sealed in metal hermetic side-leaded
packages. See cases U, V, W, Y, and Z.
Features
attenuation to 50 dB at 500 kHz
Operating temperature -55° to +125°C
Nominal 270 V input, 0 to 400 V operation
Transient rating to 500 V for 100 ms
Up to 1.5 A throughput current
Compliant to
MIL-STD-461C, CE03
-
Crane Aerospace & Electronics Power Solutions
FMe270-461 eMi input Filters
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
POBox97005•RedmondWA98073-9705
425.882.3100•power@crane-eg.com
www.interpoint.com
Page 1 of 11
FME270RevB-20100226
270 Volt input – 1.5 aMp


Similar Part No. - FME270-461_10

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FME270-461/883 INTERPOINT-FME270-461/883 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME270-461/883 CRANE-FME270-461/883 Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
FME270-461V CRANE-FME270-461V Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Interpoint Corporation ...
FME270-461V/883 INTERPOINT-FME270-461V/883 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME270-461V/883 CRANE-FME270-461V/883 Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
More results

Similar Description - FME270-461_10

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
   Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
   Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
FMCE-1528 INTERPOINT-FMCE-1528 Datasheet
1Mb / 13P
   Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
   Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com