Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FME270-461 Datasheet(PDF) 11 Page - Interpoint Corporation Company

Part # FME270-461
Description  Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FME270-461 Datasheet(HTML) 11 Page - Interpoint Corporation Company

Back Button FME270-461_10 Datasheet HTML 3Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 4Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 5Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 6Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 7Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 8Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 9Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 10Page - Interpoint Corporation Company FME270-461_10 Datasheet HTML 11Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
STANDARD AND /ES (NON-QML) PRODUCTS
ENVIRONMENTAL SCREENING 1
test perFOrmed
standard
nOn-Qml2
/es
nOn-Qml2
Pre-cap Inspection
Method 2017, 2032
yes
yes
Temperature Cycle (10 times)
Method 1010, Cond. B, -55°C to +125°C, ambient
no
yes
Constant Acceleration
Method 2001, 500 g
no
yes
Burn-in
Method 1015 3
96 hours
no
yes
Final Electrical Test MIL-PRF-38534, Group A
Subgroups 1 and 4: +25°C case
yes
yes
Hermeticity Test
Fine Leak, Method 1014, Cond. A
Gross Leak, Method 1014, Cond. C
Gross Leak, Dip (1 x 10-3)
no
no
yes
yes
yes
no
Final visual inspection
Method 2009
yes
yes
TestmethodsarereferencedtoMIL-STD-883asdeterminedbyMIL-PRF-38534.
Notes:
1. refers to products that do not offer QMl screening.
2.Standardand/ES,non-QMLproducts,donotmeetalloftherequirementsofMIL-PRF-38534.
3.Burn-indesignedtobringthecasetemperaturetothemaximumcasetemperatureoftheproduct.Refertothespecificproductinformation
for the maximum case temperature.
Crane Aerospace & Electronics Power Solutions
FME270-461EMIInputFiltersFME270RevB-20100226.Thisrevisionsupersedesallpreviousreleases.Alltechnicalinformationisbelievedtobe
accurate,butnoresponsibilityisassumedforerrorsoromissions.Interpointreservestherighttomakechangesinproductsorspecificationswithoutnotice.
FME270 Series EMI Filters are a trademark of Interpoint. Copyright © 1999 - 2010 Interpoint Corporation. All rights reserved. www.interpoint.com
Page 11 of 11
FMe270-461 eMi input Filters
270 Volt input – 1.5 aMp


Similar Part No. - FME270-461_10

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FME270-461/883 INTERPOINT-FME270-461/883 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME270-461/883 CRANE-FME270-461/883 Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
FME270-461V CRANE-FME270-461V Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Interpoint Corporation ...
FME270-461V/883 INTERPOINT-FME270-461V/883 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME270-461V/883 CRANE-FME270-461V/883 Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
More results

Similar Description - FME270-461_10

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
   Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
   Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
   Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
   Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
FMCE-1528 INTERPOINT-FMCE-1528 Datasheet
1Mb / 13P
   Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
   Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com