Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR300 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # HR300
Description  ??0째 to 85째C operation Fixed frequency switching
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

HR300 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  HR300 Datasheet HTML 1Page - Interpoint Corporation Company HR300 Datasheet HTML 2Page - Interpoint Corporation Company HR300 Datasheet HTML 3Page - Interpoint Corporation Company HR300 Datasheet HTML 4Page - Interpoint Corporation Company HR300 Datasheet HTML 5Page - Interpoint Corporation Company HR300 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
electricalCharacteristics:25°CTc,28VDCVin,100%load,unlessotherwisespecified.
Notes
1.Upto90%offullpowerisavailablefromeitheroutput
providingthetotalpowerdoesnotexceed30watts.
2.Theeffectontheoutputvoltageofeitheroutput(held
at3watts)whentheotheroutputisvariedfrom3to27
watts.
3.Alowoutputimpedancepowersourceisrequiredonthe
inputtorealizethisstart-uptime.Iflessthanfullsurge
currentisavailable,start-uptimewillbelonger
pin out
BOTTOM VIEW
HR300
Squared corner and dot on
top of cover indicate pin one.
10
9
8
7
6
1
2
3
4
5
figuRe 1: Pin out
See case J5 for dimensions.
pin hr301-2805
single output
dual output
1 PositiveInput
PositiveInput
PositiveInput
2 Inhibit
Inhibit
noconnection
3 SenseReturn
noconnection
PositiveOutput
4 OutputCommon
OutputCommon
OutputCommon
5 PositiveOutput
PositiveOutput
negativeOutput
6 PositiveSense
noconnection
noconnection
7 CaseGround
CaseGround
CaseGround
8 noconnection
noconnection
Inhibit
9 noconnection
noconnection
InputCommon
10 InputCommon
InputCommon
InputCommon
TRIPLeOUTPUTmODeLS
HR302-2812
HR302-2815
unitS
PaRameteR
conditionS
min tyP maX min
tyP
maX
outPut Voltage
+ Vout
11.88 12 12.12
11.88 12 12.12
14.85 15 15.15
14.85 15 15.15
VDC
- Vout
outPut cuRRent1
2.5 —
2.0
a
outPut PoweR1
tc
= -40°c to +85°c —
30.0 —
30.0
W
outPut RiPPle
bw
≤ 2 MHz
50
90 —
50
90
mVp-p
line Regulation
Vin = 18 to 36
10
30 —
10
40
mV
load Regulation
no load to full
20
60 —
20
60
mV
cRoSS Regulation2
+ Vout
2.5
3.5
2.5
3.5
2.2
3.2
2.2
3.2
%
- Vout
inPut Voltage
tc
= -40°c to +85°c
continuouS
18
28
36
50
18
28
36
50
VDC
tRanSient
50 ms
inPut cuRRent
no load
35
50
1350
24
45
60
1400
24
ma
full load
inHibited
inPut RiPPle cuRRent
bw
≤ 2 MHz
15
60 —
15
60
mAp-p
efficiency
80
84
— 81
85
%
StaRt
-uP
delay3
60
1500
60
1500
ms
mV
oVeRSHoot
HR300
SeRIeS
30 Watt
dc/dc conVeRteRS
Page 3 of 6
HR300RevD-20100212
www.interpoint.com


Similar Part No. - HR300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HR30 VISHAY-HR30 Datasheet
70Kb / 2P
   Ring Style High Voltage Capacitors
Revision: 08-Feb-06
HR30 VISHAY-HR30 Datasheet
100Kb / 4P
   High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
Revision: 14-Sep-15
logo
Hirose Electric
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6J-10P HIROSE-HR30-6J-10P Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30-6J-10P HIROSE-HR30-6J-10P Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR300

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
   Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
   Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
   Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
   Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
   Fixed frequency operation
T48SR DELTA-T48SR Datasheet
439Kb / 12P
   Fixed frequency operation
H48SA28016 DELTA-H48SA28016 Datasheet
569Kb / 13P
   Fixed frequency operation
L36SA12004 DELTA-L36SA12004 Datasheet
550Kb / 13P
   Fixed frequency operation
IPM24S0B0 DELTA-IPM24S0B0 Datasheet
734Kb / 14P
   Fixed frequency operation
V48SC DELTA-V48SC Datasheet
1Mb / 17P
   Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com