Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4536 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA4536
Description  5V CD Headphone-stereo Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4536 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA4536 Datasheet HTML 1Page - Sanyo Semicon Device LA4536 Datasheet HTML 2Page - Sanyo Semicon Device LA4536 Datasheet HTML 3Page - Sanyo Semicon Device LA4536 Datasheet HTML 4Page - Sanyo Semicon Device LA4536 Datasheet HTML 5Page - Sanyo Semicon Device LA4536 Datasheet HTML 6Page - Sanyo Semicon Device LA4536 Datasheet HTML 7Page - Sanyo Semicon Device LA4536 Datasheet HTML 8Page - Sanyo Semicon Device LA4536 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LA4536M
No.4033–3/9
Test Circuit
Sample Application Circuit
1
2
3
4
5
10
9
8
7
6
SG
P/SW
MT/SW
P/SW
LA4536M
IN 1
PRE
GND
IN 2
REF
MT/SW
OUT 1
POWER
GND
OUT 2
VCC
V1
I1
+
22
µF
4.7
µF
220
µF
220
µF
VCC
ICC
VR
DC
RIPPLE
0.1
µF
0.1
µF
2.2
2.2
+
+
+
2
2
2
3
4
1
1
1
Rg
1k
Rg
1k
RL
16
RL
16
V10
I10
2
3
4
1
A
A11161
1
2
3
4
5
10
9
8
7
6
SG
1
SG
2
VR
VR
P/SW
MT/SW
P/SW
LA4536M
IN 1
PRE
GND
IN 2
REF
MT/SW
OUT 1
POWER
GND
OUT 2
VCC
+
22
µF
4.7
µF
220
µF
220
µF
OFF
ON
VCC
0.1
µF
0.1
µF
2.2
2.2
+
+
+
+
ON
OFF
RL
16
RL
16
A11162


Similar Part No. - LA4536

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
   Power Amplifier for 3V Headphone Stereos
LA4534 SANYO-LA4534 Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
   Power Amp For 1.5V Headphone Stereo
LA4535M SANYO-LA4535M Datasheet
173Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
More results

Similar Description - LA4536

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com