Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4536 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA4536
Description  5V CD Headphone-stereo Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4536 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA4536 Datasheet HTML 1Page - Sanyo Semicon Device LA4536 Datasheet HTML 2Page - Sanyo Semicon Device LA4536 Datasheet HTML 3Page - Sanyo Semicon Device LA4536 Datasheet HTML 4Page - Sanyo Semicon Device LA4536 Datasheet HTML 5Page - Sanyo Semicon Device LA4536 Datasheet HTML 6Page - Sanyo Semicon Device LA4536 Datasheet HTML 7Page - Sanyo Semicon Device LA4536 Datasheet HTML 8Page - Sanyo Semicon Device LA4536 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LA4536M
No.4033–5/9
2
3
7
5
2
3
7
10
5
2
3
7
1.0
5
2
3
7
0.1
5
2
3
7
0.01
5
2
3
7
5
1000
100
2
3
7
5
10
2
3
7
5
1.0
0
—10
—20
—30
—40
—50
—60
—70
10
20
—60
—50
—40
—30
—20
—10
0
10
20
—70
0
2
1
0
23
5 7
23
5
7
40
2
3
5
7
100
2
3
5
7
1000
2
60
80
100
120
140
160
34
5
6
7
8
12
23
5
7
5
2
3
2
3
7
0.1
5
7
1.0
2
10
3
5
7
345
6
10
100
2
2
4
6
8
10
12
14
16
35 7
1.0
10
22
2
100
3
2
3
2
7
5
10
3
2
7
5
0
20
40
60
80
100
33
57
1.0
23
5 7 10
23
23
57 100
100
57
3
3
25
5
7
100
23
5
7 1k
2
3
57
2
3
57
10k
1k
23
5 7
10k
23
5 7
100k
23
5 7
78
0.1
1.0
23
5
7 10
23
23
57 100
4.0V
VO – VIN
Input voltage, VIN – dBm
PO
VG
5.0V
VCC=4.0V
VO=–10dBm
RL=16Ω
VCC=5.0V
RL=16Ω
f=1kHz
RL=16Ω
f=1kHz
RL=16Ω
THD=10%
PO=1mW
f=1kHz
RL=16Ω
VCC=5.0V
f=1kHz
RL=16Ω
2 output on
f=1kHz
RL=16Ω
2 output on
VCC=4.0V
RL=16Ω
Rg=1k
VO=–10dBm
THD
THD=10%
–10dBm
THD
=10%
V CC
=6.0V
5.0V
22µ
F
C REF
=100
µF
VCC=6.0V
VO=–20dBm
PO,THD – VCC
VG – VCC
Power supply voltage, VCC – V
Power supply voltage, VCC – V
Pd – PO
Output power, PO – mW
THD – PO
Output power, PO – mW
Frequency, fIN – Hz
VG – fIN
ICC – PO
CT – fIN
Output power, PO – mW
Frequency, fIN – Hz
220
µF
16
OUT
+


Similar Part No. - LA4536

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
   Power Amplifier for 3V Headphone Stereos
LA4534 SANYO-LA4534 Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
   Power Amp For 1.5V Headphone Stereo
LA4535M SANYO-LA4535M Datasheet
173Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
More results

Similar Description - LA4536

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
LA4805V SANYO-LA4805V Datasheet
346Kb / 17P
   3V Stereo Headphone Power Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com