Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPZB260 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPZB260
Description  ZigBee짰 module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPZB260 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPZB260 Datasheet HTML 7Page - STMicroelectronics SPZB260 Datasheet HTML 8Page - STMicroelectronics SPZB260 Datasheet HTML 9Page - STMicroelectronics SPZB260 Datasheet HTML 10Page - STMicroelectronics SPZB260 Datasheet HTML 11Page - STMicroelectronics SPZB260 Datasheet HTML 12Page - STMicroelectronics SPZB260 Datasheet HTML 13Page - STMicroelectronics SPZB260 Datasheet HTML 14Page - STMicroelectronics SPZB260 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
SPZB260
FCC statement
11/15
Appendix A
FCC statement
This device complies with Part 15 of the FCC Rules. Operation is subject to the following two
conditions: (1) this device may not cause harmful interference, and (2) this device must
accept any interference received, including interference that may cause undesired
operation.
Note:
This equipment has been tested and found to comply with the limits for a Class B digital
device, pursuant to Part 15 of the FCC Rules. These limits are designed to provide
reasonable protection against harmful interference in a residential installation. This
equipment generates, uses and can radiate radio frequency energy and, if not installed and
used in accordance with the instructions, may cause harmful interference to radio
communications. However, there is no guarantee that interference will not occur in a
particular installation. If this equipment does cause harmful interference to radio or
television reception, which can be determined by turning the equipment off and on, the user
is encouraged to try to correct the interference by one or more of the following measures:
Reorient or relocate the receiving antenna
Increase the separation between the equipment and receiver
Connect the equipment into an outlet on a circuit different from that to which the
receiver is connected
Consult the dealer or an experienced radio/TV technician for help.
Antenna
Our module type SPZB260 is for OEM integrations only. The end-user product will be
professionally installed in such a manner that only the authorized antennas are used.
Caution
Any changes or modifications not expressed approved by the part responsible for
compliance could cause the module to cease to comply with FCC rules part 15, and thus
void the user’s authority to operate the equipment.


Similar Part No. - SPZB260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPZB260-PRO STMICROELECTRONICS-SPZB260-PRO Datasheet
363Kb / 15P
   ZigBee짰 module
SPZB260ADP STMICROELECTRONICS-SPZB260ADP Datasheet
400Kb / 11P
   Adapter board
More results

Similar Description - SPZB260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPZB250 STMICROELECTRONICS-SPZB250 Datasheet
412Kb / 18P
   ZigBee짰 module
SPZB260-PRO STMICROELECTRONICS-SPZB260-PRO Datasheet
363Kb / 15P
   ZigBee짰 module
logo
Skyworks Solutions Inc.
SE2431L SKYWORKS-SE2431L Datasheet
405Kb / 10P
   SE2431L: 2.4 GHz ZigBee짰/802.15.4 Front-End Module
logo
STMicroelectronics
SN260 STMICROELECTRONICS-SN260 Datasheet
1Mb / 88P
   ZigBee짰 802.15.4 network processor
logo
Texas Instruments
CC2520 TI-CC2520_12 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2520 TI-CC2520 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
CC2480 TI-CC2480 Datasheet
691Kb / 44P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480A1 TI1-CC2480A1 Datasheet
953Kb / 48P
[Old version datasheet]   Z-Accel 2.4 GHz ZigBee짰 Processor
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Silicon Laboratories
SLWRB4150B SILABS-SLWRB4150B Datasheet
2Mb / 163P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com