Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4988 Datasheet(PDF) 2 Page - Sensitron

Part # 1N4988
Description  Zener 5W Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N4988 Datasheet(HTML) 2 Page - Sensitron

  1N4988 Datasheet HTML 1Page - Sensitron 1N4988 Datasheet HTML 2Page - Sensitron 1N4988 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5070, REV. -
MECHANICAL DIMENSIONS
Zener 5W Package, AXIAL Version
In Inches / mm
MECHANICAL DIMENSIONS
Zener 5W Package, MELF (/US version)
In Inches / mm
1N4954/US thru 1N4996/US


Similar Part No. - 1N4988

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4988 MICROSEMI-1N4988 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N4988 MICROSEMI-1N4988 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
1N4988 MICROSEMI-1N4988 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Semtech Corporation
1N4988 SEMTECH-1N4988 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 5 WATT Voltage Regulators
logo
Sensitron
1N4988 SENSITRON-1N4988 Datasheet
105Kb / 3P
   Zener 5W Voltage Regulator
More results

Similar Description - 1N4988

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N4963 SENSITRON-1N4963 Datasheet
44Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4963 SENSITRON-1C4963 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4981 SENSITRON-1C4981 Datasheet
147Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
SS4954 SENSITRON-SS4954 Datasheet
105Kb / 3P
   Zener 5W Voltage Regulator
1C4974 SENSITRON-1C4974 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4964 SENSITRON-1C4964 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
   5W ZENER DIODE
DS21407 Rev. D-3
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
   5W ZENER DIODE
logo
Dongguan Pingjingsemi T...
1N5333B PJSEMI-1N5333B Datasheet
1Mb / 6P
   5W Zener Doides
logo
Shanghai Leiditech Elec...
LMBZ5221BLT1G LEIDITECH-LMBZ5221BLT1G Datasheet
674Kb / 6P
   Zener Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com