Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4992 Datasheet(PDF) 1 Page - Sensitron

Part # 1N4992
Description  Zener 5W Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N4992 Datasheet(HTML) 1 Page - Sensitron

  1N4992 Datasheet HTML 1Page - Sensitron 1N4992 Datasheet HTML 2Page - Sensitron 1N4992 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5070, REV. –
Zener 5W Voltage Regulator
• Hermetic, non-cavity glass package
• Metallurgically bonded
• Operating and Storage Temperature: -65oC to +175oC
SENSITRON
SJ
SX
SV
1N4954/US thru 1N4996/US
1N4954/US thru 1N4996/US
MAX ZENER
IMPEDANCE
MAX REVERSE
LEAKAGE
CURRENT
VOLTAGE
SERIES
TYPE
VZ
NOM
TEST
CURRENT
IZ
ZZ
ZZK
VOLTAGE
REGULATION
VZ
SURGE
CURRENT
IZSM
VR
IR1
TEMP.
COEFF
αVZ
MAX
CONTINUOUS
CURRENT
IZM
5W
V
mA
V
A
V
µA
% /°C
mA
1N4954/US
6.8
175
1
1,000
.7
29.3
5..2
150
.05
700
1N4955/US
7.5
175
1.5
800
.7
26.4
5..7
100
.06
630
1N4956/US
8.2
150
1.5
600
.7
24
6.2
50
.06
580
1N4957/US
9.1
150
2
400
.7
22
6..9
25
.06
520
1N4958/US
10
125
2
125
.8
20
7..6
25
.07
475
1N4959/US
11
125
2.5
130
.8
19
8.4
10
.07
430
1N4960/US
12
100
2.5
140
.8
18
9.1
10
.07
395
1N4961/US
13
100
3
145
.9
16
9.9
10
.08
365
1N4962/US
15
75
3.5
150
1.0
12
11.4
5
.08
315
1N4963/US
16
75
3.5
155
1.1
10
12.2
5
.08
294
1N4964/US
18
65
4
160
1.2
9.0
13.7
5
.085
264
1N4965/US
20
65
4.5
165
1.5
8.0
15.2
2
.085
237
1N4966/US
22
50
5
170
1.8
7.0
16.7
2
.085
216
1N4967/US
24
50
5
175
2.0
6.5
18.2
2
.09
198
1N4968/US
27
50
6
180
2.0
6.0
20.6
2
.09
176
1N4969/US
30
40
8
190
2.5
5.5
22.8
2
.09
158
1N4970/US
33
40
10
200
2.8
5.0
25.1
2
.095
144
1N4971/US
36
30
11
220
3.0
4.5
27.4
2
.095
132
1N4972/US
39
30
14
230
3.0
4.0
29.7
2
.095
122
1N4973/US
43
30
20
240
3.3
3.5
32.7
2
.095
110
1N4974/US
47
25
25
250
3.5
3.2
35.8
2
.095
100
1N4975/US
51
25
27
270
4.0
3.0
38.8
2
.095
92
1N4976/US
56
20
35
320
4.4
2.8
42.6
2
.095
84
1N4977/US
62
20
42
400
5.0
2.5
47.1
2
.100
76
1N4978/US
68
20
50
500
5.5
2.2
51.7
2
.100
70
1N4979/US
75
20
55
620
6.0
2.0
56
2
.100
63
1N4980/US
82
15
80
720
6.6
1.8
62.2
2
.100
58.0
1N4981/US
91
15
90
760
7.5
1.6
69.2
2
.100
52.5
1N4982/US
100
12
110
800
8.0
1.4
76.0
2
.100
47.5
1N4983/US
110
12
125
1,000
9.0
1.2
83.6
2
.100
43.0
1N4984/US
120
10
170
1,150
10
1.0
91.2
2
.100
39.5
1N4985/US
130
10
190
1,250
11
.8
98.8
2
.105
36.6
1N4986/US
150
8
330
1,500
13
.75
114.0
2
.105
31.6
1N4987/US
160
8
350
1,650
14
.70
121.6
2
.105
29.4
1N4988/US
180
5
450
1,750
16
.60
136.8
2
.110
26.4
1N4989/US
200
5
500
1,850
18
.50
152.0
2
.110
23.6
1N4990/US
220
5
550
2,000
19
.50
167
2
.115
21.6
1N4991/US
240
5
650
2,050
22
.40
182
2
.115
19.8
1N4992/US
270
5
800
2,100
25
.35
206
2
.120
17.5
1N4993/US
300
4
950
2,150
28
.30
228
2
.120
15.6
1N4994/US
330
4
1175
2,200
32
.25
251
2
.120
14.4
1N4995/US
360
3
1400
2,300
35
.22
274
2
.120
13
1N4996/US
390
3
1800
2,500
40
.20
297
2
.120
12


Similar Part No. - 1N4992

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4992 MICROSEMI-1N4992 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N4992 MICROSEMI-1N4992 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Sensitron
1N4992 SENSITRON-1N4992 Datasheet
105Kb / 3P
   Zener 5W Voltage Regulator
logo
New Jersey Semi-Conduct...
1N4992 NJSEMI-1N4992 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
logo
Digitron Semiconductors
1N4992 DIGITRON-1N4992 Datasheet
200Kb / 3P
   5 WATT GLASS ZENER DIODES
More results

Similar Description - 1N4992

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N4963 SENSITRON-1N4963 Datasheet
44Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4963 SENSITRON-1C4963 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4981 SENSITRON-1C4981 Datasheet
147Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
SS4954 SENSITRON-SS4954 Datasheet
105Kb / 3P
   Zener 5W Voltage Regulator
1C4974 SENSITRON-1C4974 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4964 SENSITRON-1C4964 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
   5W ZENER DIODE
DS21407 Rev. D-3
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
   5W ZENER DIODE
logo
Dongguan Pingjingsemi T...
1N5333B PJSEMI-1N5333B Datasheet
1Mb / 6P
   5W Zener Doides
logo
Shanghai Leiditech Elec...
LMBZ5221BLT1G LEIDITECH-LMBZ5221BLT1G Datasheet
674Kb / 6P
   Zener Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com