Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCL1100YBFCWY5 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STCL1100YBFCWY5
Description  High frequency silicon oscillator family
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCL1100YBFCWY5 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STCL1100YBFCWY5 Datasheet HTML 5Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 6Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 7Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 8Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 9Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 10Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 11Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 12Page - STMicroelectronics STCL1100YBFCWY5 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
STCL1100 STCL1120 STCL1160
Maximum rating
Doc ID 13337 Rev 5
9/18
5
Maximum rating
Stressing the device above the rating listed in the Table 1: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 1.
Absolute maximum ratings
Symbol
Parameter
Note
Value
Unit
TSTG
Storage temperature (VCC Off)
–55 to 150
°C
TSLD
Lead solder temperature for 10
seconds
Lead-free lead finish(1)
1.
Reflow at peak temperature of 260 °C (total thermal budget not to exceed 245 °C for more than 30 seconds).
260
°C
VIO
Input or output voltage
–0.3 to VCC +0.3
V
VCC
Supply voltage
–0.3 to 7
V


Similar Part No. - STCL1100YBFCWY5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCL1100 STMICROELECTRONICS-STCL1100 Datasheet
141Kb / 17P
   High frequency silicon oscillator family
More results

Similar Description - STCL1100YBFCWY5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCL1100 STMICROELECTRONICS-STCL1100 Datasheet
141Kb / 17P
   High frequency silicon oscillator family
logo
Hitachi Semiconductor
2SC5629 HITACHI-2SC5629 Datasheet
73Kb / 10P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5702 HITACHI-2SC5702 Datasheet
109Kb / 16P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5628 HITACHI-2SC5628 Datasheet
69Kb / 10P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
logo
Renesas Technology Corp
2SC5702 RENESAS-2SC5702 Datasheet
277Kb / 15P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5628 RENESAS-2SC5628 Datasheet
217Kb / 10P
   Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
logo
Fairchild Semiconductor
KSC815 FAIRCHILD-KSC815 Datasheet
38Kb / 4P
   Low Frequency Amplifier & High Frequency Oscillator
logo
Epson Company
SG-710 EPSON-SG-710 Datasheet
124Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG-636 ETC1-SG-636 Datasheet
68Kb / 2P
   HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Connor-Winfield Corpora...
P234-155.52 CONNOR-WINFIELD-P234-155.52 Datasheet
153Kb / 2P
   High Frequency Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com