Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD12NF06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD12NF06
Description  N-channel 60 V, 0.08廓, 12 A, DPAK, IPAK STripFET??II Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12NF06 Datasheet(HTML) 3 Page - STMicroelectronics

  STD12NF06_09 Datasheet HTML 1Page - STMicroelectronics STD12NF06_09 Datasheet HTML 2Page - STMicroelectronics STD12NF06_09 Datasheet HTML 3Page - STMicroelectronics STD12NF06_09 Datasheet HTML 4Page - STMicroelectronics STD12NF06_09 Datasheet HTML 5Page - STMicroelectronics STD12NF06_09 Datasheet HTML 6Page - STMicroelectronics STD12NF06_09 Datasheet HTML 7Page - STMicroelectronics STD12NF06_09 Datasheet HTML 8Page - STMicroelectronics STD12NF06_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STD12NF06, STD12NF06T4
Electrical ratings
Doc ID 8431 Rev 7
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
60
V
VDGR
Drain-gate voltage (RGS = 20KΩ)60
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25°C
12
A
ID
Drain current (continuous) at TC=100°C
8.5
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
48
A
PTOT
Total dissipation at TC = 25°C
30
W
Derating factor
0.2
W/°C
dv/dt (2)
2.
ISD ≤12 A, di/dt 200 A/µs, VDS ≤V(BR)DSS, TJ ≤TJMAX
Peak diode recovery voltage slope
15
V/ns
EAS
(3)
3.
Starting TJ = 25
oC, I
D = 6 A, VDD = 30 V
Single pulse avalanche energy
140
mJ
Tstg
Storage temperature
-55 to 175
°C
TJ
Max. operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case Max
5
°C/W
RthJA
Thermal resistance junction-ambient Max
100
°C/W
Tl
Maximum lead temperature for soldering
purpose
275
°C


Similar Part No. - STD12NF06_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12NF06-1 STMICROELECTRONICS-STD12NF06-1 Datasheet
333Kb / 14P
   N-channel 60V - 0.08廓 - 12A - DPAK - IPAK STripFET??II Power MOSFET
logo
VBsemi Electronics Co.,...
STD12NF06-1 VBSEMI-STD12NF06-1 Datasheet
963Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
STD12NF06L-1 STMICROELECTRONICS-STD12NF06L-1 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
More results

Similar Description - STD12NF06_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12NF06-1 STMICROELECTRONICS-STD12NF06-1 Datasheet
333Kb / 14P
   N-channel 60V - 0.08廓 - 12A - DPAK - IPAK STripFET??II Power MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
   N-channel 60V - 0.060廓 - 24A - DPAK/IPAK STripFET??II Power MOSFET
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
   N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
STD60NF55L STMICROELECTRONICS-STD60NF55L_06 Datasheet
430Kb / 14P
   N-channel 55V - 0.012廓 - 60A - DPAK/IPAK STripFET??II Power MOSFET
STD30PF03LT4 STMICROELECTRONICS-STD30PF03LT4 Datasheet
339Kb / 13P
   P-channel 30 V - 0.025 廓 - 24 A - DPAK / IPAK STripFET??II Power MOSFET
STD70N2LH5 STMICROELECTRONICS-STD70N2LH5 Datasheet
232Kb / 12P
   N-channel 25 V, 0.006 廓, 48 A - DPAK - IPAK STripFET??V Power MOSFET
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5 Datasheet
231Kb / 12P
   N-channel 25 V, 0.01 廓, 40 A, DPAK, IPAK STripFET??V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com