Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMFLHP2805D Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # SMFLHP2805D
Description  Parallel operation with current share, up to 3 units (228 watts)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFLHP2805D Datasheet(HTML) 3 Page - Interpoint Corporation Company

  SMFLHP2805D_07 Datasheet HTML 1Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 2Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 3Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 4Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 5Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 6Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 7Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 8Page - Interpoint Corporation Company SMFLHP2805D_07 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Angled corner indicates pin one.
1
2
3
4
5
6
12
11
10
9
8
7
TOP VIEW
SMFLHP
(Pin side, marked side)
See case u for dimensions.
Figure 1: Pin Out
pin single Output
dual Output
1
Positive Input
Positive Input
2
Input Common
Input Common
3
Triple (TRI)
Triple (TRI)
4
Inhibit 1 (INH1)
Inhibit 1 (INH1)
5
Sync Out
Sync Out
6
Sync In
Sync In
7
Positive Output
Positive Output
8
Output Common
Output Common
9
Sense Return
Negative Output
10 Positive Sense
No connection
11 Slave
Slave
12 Master / Inhibit 2
Master / Inhibit 2
(MSTR/INH2)
(MSTR/INH2)
pin OUt
pins nOt in Use
tr1
Leave unconnected
inhibit (inH1)
Leave unconnected
sync out
Leave unconnected
sync in
Connect to input common
sense lines
Must be connected to appropriate
outputs
slave
Leave unconnected
mstr (inH 2)
Leave unconnected
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 3 of 13
Rev H - 20071221
smFlHp single and dual dc/dc converters
28 Volt input – 100 Watt


Similar Part No. - SMFLHP2805D_07

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP2805D/KR INTERPOINT-SMFLHP2805D/KR Datasheet
258Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - SMFLHP2805D_07

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MOR283R3S INTERPOINT-MOR283R3S_10 Datasheet
2Mb / 24P
   Parallel operation with current share, up to 5 units (540 watts)
MHP270 INTERPOINT-MHP270_10 Datasheet
493Kb / 10P
   Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
   Parallel operation with active current sharing
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
Pasternack Enterprises,...
PE6228 PASTERNACK-PE6228 Datasheet
203Kb / 3P
   Medium Power 25 Watts RF Load Up To 3 GHz With
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
   Load current up to 3 amps
logo
Wall Industries,Inc.
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com