Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMHF283R3S Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # SMHF283R3S
Description  Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF283R3S Datasheet(HTML) 3 Page - Interpoint Corporation Company

  SMHF283R3S Datasheet HTML 1Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 2Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 3Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 4Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 5Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 6Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 7Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 8Page - Interpoint Corporation Company SMHF283R3S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Operating COnditiOns and CharaCteristiCs
input Voltage range
•16to40VDCcontinuous
•50Vforupto50msectransient
power dissipation (pd)
•8W
output power
•upto15wattsdependingonmodel
lead soldering temperature (10 sec per lead)
•300°C
storage temperature range (case)
•-65°Cto+150°C
case operating temperature (tc)
•-55°Cto+125°Cfullpower
•-55°Cto+135°Cabsolute
derating output power/current (tc)
•Linearlyfrom100%at125°Cto0%at135°C
output Voltage temperature coefficient
•100ppm/°Ctypical
•150ppm/°Cmaximum
input to output capacitance
•60pFtypical
current limit
•115%offullloadtypical
isolation
•100megohmminimumat500VDC
•Anypintocase,exceptcasepin
audio rejection
•50dBtypical
conversion Frequency (º55°c to +125°c tc)
•Freerun550kHztypical
480kHzmin,620kHzmax
inhibit pin Voltage (unit enabled)
•8.5to12V
undervoltage lockout
•14Vinputtypical
meChaniCal and envirOnmental
size (maximum)
nonflanged
1.460x1.130x0.330(37.08x28.70x8.38mm).SeecaseE1fordimensions.
Flanged
2.005x1.130x0.330(50.93x28.70x8.38mm).Seecaseg1fordimensions.
Weight (maximum)
30gramstypical
screening
SpacePrototype,ClassH,orClassK
RadiationtoleranttoRadiationHardnessAssurance(RHA)levelsof“-”(O)or“R”,perMIL-STD-38534.Interpointmodelnumbersusean“O”inthe
RHAdesignatorpositiontoindicatethe“-”(dash)RadiationHardnessAssurancelevelofMIL-PRF-38534,whichisdefinedas“noRHA”.
See“ClassHandK,MIL-PRF-38534Screening”tablesformoreinformation.
Availableconfigurations:OO,HO,HR,KR
synC and inhibit
sync in (500 to 600 kHz)
•Dutycycle40%to60%
•Logiclow0.8Vmax
•Logichigh4.5Vmin,5Vmax
•Referencedtoinputcommon
•Ifnotused,connecttoinputcommon
inhibit ttl open collector
•Logiclow(outputdisabled)
Logiclowvoltage≤0.8Vmax
Inhibitpincurrent12mAmax
•Referencedtoinputcommon
•Logichigh(outputenabled)
Opencollectororunconnected
Crane Aerospace & Electronics Power Solutions
smHF single and dual dc/dc converters
Page3of15
RevD-20070404
28 Volt input – 15 Watt
www.craneae.com


Similar Part No. - SMHF283R3S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMHF283R3S INTERPOINT-SMHF283R3S Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF283R3S/KR INTERPOINT-SMHF283R3S/KR Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
SMHF283R3SE/HO INTERPOINT-SMHF283R3SE/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF283R3SE/HR INTERPOINT-SMHF283R3SE/HR Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF283R3SE/KO INTERPOINT-SMHF283R3SE/KO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - SMHF283R3S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Dielectric Laboratories...
B148QF0S DILABS-B148QF0S Datasheet
370Kb / 3P
   Frequency Stable over Temperature -55째C to 125째C
logo
Interpoint Corporation ...
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
MDCFM-01A MPD-MDCFM-01A Datasheet
493Kb / 2P
   0 to 40 VDC Input
logo
MMD Components
IM830B MMD-IM830B Datasheet
734Kb / 9P
   MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com