Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMHF2812S Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # SMHF2812S
Description  Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF2812S Datasheet(HTML) 5 Page - Interpoint Corporation Company

  SMHF2812S Datasheet HTML 1Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 2Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 3Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 4Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 5Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 6Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 7Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 8Page - Interpoint Corporation Company SMHF2812S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
mOdel nUmbering key
SMHF
28 05 S F / K
R
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
Radiation Level
Case Option
(Non-flanged case has no designator
in this position)
smd nUmbers
StanDarD MicrOcircuit
Drawing (SMD)
InPROCESS
5962-0251002HXC
5962-9213902HXC
5962-9166402HXC
5962-9160102HXC
5962-9555902HXC
5962-9214402HXC
5962-9161402HXC
SMHF SiMilar part
SMHF282R5S/HO
SMHF283R3S/HO
SMHF2805S/HO
SMHF2812S/HO
SMHF2815S/HO
SMHF2805D/HO
SMHF2812D/HO
SMHF2815D/HO
Toindicatetheflangedcaseoptionchangethe“X”to“Z”In
theSMDnumber.TheSMDnumbershownisforClassH
screening,non-flanged,andnoRadiationHardnessAssurance
(RHA)level.SeetheSMDforthenumbersforotherscreening
andradiationlevels.ForexactspecificationsforanSMD
product,refertotheSMDdrawing.CallyourInterpoint
representativeforstatusontheSMHFSMDreleaseswhich
are“inprocess.”SMDscanbedownloadedfrom:
http://www.dscc.dla.mil/programs/smcr
mOdel seleCtiOn
SMHF28
/
Basemodel
Voutvalue
numberofoutputscaseoptionscreening
Chooseonefromeachofthefollowingrows
Voutvalue
forsingles2.5,3.3,5,12,15
forduals:5,12,15
“R”=decimalpoint,3R3=3.3VDC
numberofoutputs
S(single)orD(dual)
Caseoption
non-flanged,leaveblank F-flanged
Screening
OO*-Spaceprototype,HO,HR,KR
*Interpointmodelnumbersusean“O”intheRHAdesignatorpositiontoindicatethe“-”(dash)RadiationHardnessAssurancelevel
ofMIL-PRF-38534,whichisdefinedas“noRHA”
Crane Aerospace & Electronics Power Solutions
smHF single and dual dc/dc converters
Page5of15
RevD-20070404
28 Volt input – 15 Watt
www.craneae.com


Similar Part No. - SMHF2812S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMHF2812S INTERPOINT-SMHF2812S Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2812S/HO INTERPOINT-SMHF2812S/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2812S/KR INTERPOINT-SMHF2812S/KR Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
SMHF2812SE/HO INTERPOINT-SMHF2812SE/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2812SE/HR INTERPOINT-SMHF2812SE/HR Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - SMHF2812S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Dielectric Laboratories...
B148QF0S DILABS-B148QF0S Datasheet
370Kb / 3P
   Frequency Stable over Temperature -55째C to 125째C
logo
Interpoint Corporation ...
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
MDCFM-01A MPD-MDCFM-01A Datasheet
493Kb / 2P
   0 to 40 VDC Input
logo
MMD Components
IM830B MMD-IM830B Datasheet
734Kb / 9P
   MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com