Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4906 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA4906
Description  17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4906 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA4906 Datasheet HTML 2Page - Sanyo Semicon Device LA4906 Datasheet HTML 3Page - Sanyo Semicon Device LA4906 Datasheet HTML 4Page - Sanyo Semicon Device LA4906 Datasheet HTML 5Page - Sanyo Semicon Device LA4906 Datasheet HTML 6Page - Sanyo Semicon Device LA4906 Datasheet HTML 7Page - Sanyo Semicon Device LA4906 Datasheet HTML 8Page - Sanyo Semicon Device LA4906 Datasheet HTML 9Page - Sanyo Semicon Device LA4906 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
No. 5714-8/10
LA4906
Input frequency, f – Hz
Input resistance, Rg –
Ripple frequency, fR – Hz
Output power, PO – W
Output power, PO – W
Power supply ripple current voltage, VCCR – Vrms
Supply voltage, VCC –V
Input frequency, f – Hz
Both
channels
operating
Both
channels
operating
Both
channels
operating
Using a 1-µF
power-supply
capacitor
Using a 1-µF
power-supply
capacitor
Using a 1-µF power-supply
capacitor
Calculate SVRR from the
following formula:SVRR = 20 log
(VO/VCCR)
Pd for the external
transistor


Similar Part No. - LA4906

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4905 SANYO-LA4905 Datasheet
549Kb / 10P
   17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems
More results

Similar Description - LA4906

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4905 SANYO-LA4905 Datasheet
549Kb / 10P
   17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
   15 W 2-channel BTL AF Power Amplifier for Car Stereos
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47022P ONSEMI-LV47022P Datasheet
284Kb / 12P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV47017P SANYO-LV47017P Datasheet
278Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P Datasheet
290Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P Datasheet
283Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P_12 Datasheet
301Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com