Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD126422 Datasheet(PDF) 2 Page - Sensitron

Part # SHD126422
Description  SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD126422 Datasheet(HTML) 2 Page - Sensitron

  SHD126422 Datasheet HTML 1Page - Sensitron SHD126422 Datasheet HTML 2Page - Sensitron SHD126422 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
œ 221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798 œ
œ World Wide Web - http://www.sensitron.com œ E-Mail Address - sales@sensitron.com œ
TECHNICAL DATA
DATA SHEET 4785, REV. A
Mechanical Dimensions: In Inches / mm
1 2 3
.200
.190
(5.08
4.82)
.045
.035
(1.14
0.89)
.120(3.05) BSC
.430
.410
(10.92
10.41)
.420
.410
(10.67
10.41)
.665
.645
(16.89
16.38)
.537
.527
(13.64
13.39)
1.132
1.032
(28.75
26.21)
.035
.025
(0.89
0.63)
3 Places
.100(2.54) BSC
2 Places
.150
.140
(3.81
3.56)
Dia.
TO-257
DEVICE TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
SHD126422
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - VF (V)
101
102
Typical Forward Characteristics
125 °C
175 °C
25 °C
0
10
20
30
40
50
Reverse Voltage - VR (V)
10-3
10-2
10-1
100
101
102
103
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
175 °C
0
10
20
30
40
50
Reverse Voltage - VR (V)
200
400
600
800
1000
1200
1400
1600
Typical Junction Capacitance


Similar Part No. - SHD126422

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SHD126422 SEMTECH-SHD126422 Datasheet
80Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175?C Operating Temperature
More results

Similar Description - SHD126422

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD125SB100A SENSITRON-SD125SB100A Datasheet
195Kb / 2P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage
SD200SB100A SENSITRON-SD200SB100A Datasheet
61Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage
SD125SCU200A SENSITRON-SD125SCU200A Datasheet
185Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra-low Reverse Leakage
SHD124535 SENSITRON-SHD124535 Datasheet
57Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD124236 SENSITRON-SHD124236 Datasheet
81Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD119136P SENSITRON-SHD119136P Datasheet
87Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD126036 SENSITRON-SHD126036 Datasheet
89Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD120034 SENSITRON-SHD120034 Datasheet
94Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD124536 SENSITRON-SHD124536 Datasheet
80Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD125236 SENSITRON-SHD125236 Datasheet
82Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com