Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD218602B Datasheet(PDF) 1 Page - Sensitron

Part # SHD218602B
Description  HERMETIC POWER MOSFET N-CHANNEL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD218602B Datasheet(HTML) 1 Page - Sensitron

  SHD218602B Datasheet HTML 1Page - Sensitron SHD218602B Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 863, REV -
HERMETIC POWER MOSFET
N-CHANNEL
FEATURES:
100 Volt, 0.020 Ohm MOSFET
Isolated and Hermetically Sealed
Surface Mount Package
MAXIMUM RATINGS
ALL RATINGS ARE AT T
A
= 25
°C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MIN.
TYP.
MAX.
UNITS
GATE TO SOURCE VOLTAGE
VGS
-
-
±20
Volts
CONTINUOUS DRAIN CURRENT
VGS=10V, TC = 25°C
VGS=10V, TC = 100°C
ID
-
-
75
60
Amps
PULSED DRAIN CURRENT
@ TC = 25°C
IDM
-
-
300
Amps
OPERATING AND STORAGE TEMPERATURE
TOP/TSTG
-55
-
+150
°C
TERMAL RESISTANCE JUNCTION TO CASE
RθJC
-
-
0.30
°C/W
TOTAL DEVICE DISSIPATION @ TC = 25°C
PD
-
-
300
Watts
ELECTRICAL CHARACTERISTICS
DRAIN TO SOURCE BREAKDOWN VOLTAGE
VGS = 0V, ID = 250μA
BVDSS
100
-
-
Volts
DRAIN TO SOURCE ON STATE RESISTANCE
VGS = 10V, ID = 37.5A
VGS = 10V, ID = 37.5A, TJ = 125°C
RDS(ON)
-
-
0.02
0.035
Ω
GATE THRESHOLD VOLTAGE
VDS = VGS, ID = 1mA
VGS(th)
2.0
-
4.0
Volts
FORWARD TRANSCONDUCTANCE
VDS ≥ 10V, ID = 75A
gfs
25
-
-
S(1/
Ω)
ZERO GATE VOLTAGE DRAIN CURRENT,
TJ = 25°C
(VDS = 0.8xMax. Rating, VGS = 0V), TJ = 125°C
IDSS
-
-
250
1000
μA
GATE TO SOURCE LEAKAGE FORWARD
VGS = 20V
GATE TO SOURCE LEAKAGE REVERSE
VGS = -20V
IGSS
-
-
100
-100
nA
TOTAL GATE CHARGE
VGS = 10 V,
GATE TO SOURCE CHARGE
VDS = 50V,
GATE TO DRAIN CHARGE
ID =37.5A
Qg
Qgs
Qgd
-
180
36
85
260
70
160
nC
TURN ON DELAY TIME
VDD = 250V,
RISE TIME
ID = 3.7A,
TURN OFF DELAY TIME
RG = 2.0Ω,
FALL TIME
VGS = 15V
td(ON)
tr
td(OFF)
tf
-
20
40
50
20
30
40
75
40
nsec
DIODE FORWARD VOLTAGE
TJ = 25°C, IF =, IS
VGS = 0V
VSD
-
-
1.3
Volts
REVERSE RECOVERY TIME
TJ = 25°C,
IS = 10A,
di/dt
≤ = 100A/μsec,
REVERSE RECOVERY CHARGE
trr
Qrr
-
-
200
1.4
nsec
μC
INPUT CAPACITANCE
VGS = 0V, VDS = 25V,
OUTPUT CAPACITANCE
f=1MHz
REVERSE TRANSFER CAPACITANCE
Ciss
Coss
Crss
-
4500
1600
800
-
pF
SHD218602
SHD218602A
SHD218602B


Similar Part No. - SHD218602B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD2186 SENSITRON-SHD2186 Datasheet
42Kb / 2P
   POWER MOSFETS
SHD2186A SENSITRON-SHD2186A Datasheet
42Kb / 2P
   POWER MOSFETS
SHD2186B SENSITRON-SHD2186B Datasheet
42Kb / 2P
   POWER MOSFETS
More results

Similar Description - SHD218602B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD225605 SENSITRON-SHD225605 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218501 SENSITRON-SHD218501 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD218505 SENSITRON-SHD218505 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219405 SENSITRON-SHD219405 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219501 SENSITRON-SHD219501 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD220301 SENSITRON-SHD220301 Datasheet
78Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225402 SENSITRON-SHD225402 Datasheet
67Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD239603 SENSITRON-SHD239603 Datasheet
81Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD217302A SENSITRON-SHD217302A_09 Datasheet
38Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD219601 SENSITRON-SHD219601 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET N-CHANNEL
SHD225503 SENSITRON-SHD225503 Datasheet
68Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com