Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCY71DCSM Datasheet(PDF) 1 Page - Seme LAB

Part # BCY71DCSM
Description  SILICON EPITAXIAL PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY71DCSM Datasheet(HTML) 1 Page - Seme LAB

  BCY71DCSM Datasheet HTML 1Page - Seme LAB BCY71DCSM Datasheet HTML 2Page - Seme LAB BCY71DCSM Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON EPITAXIAL
PNP TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 8108
Issue 1
BCY71DCSM
Low Current / Low Voltage Transistor
In A Dual Ceramic Hermetic Package
Designed For General Purpose
Industrial Applications
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise stated)
Each Side
Total Device
VCBO
Collector - Base Voltage
-45V
VCEO
Collector - Emitter Voltage
-45V
VEBO
Emitter – Base Voltage
-5V
IC
Continuous Collector Current
-200mA
ICM
Peak Collector Current
-200mA
PD
Total Power Dissipation at
TA = 25°C
350mW
500mW*
Derate Above 25°C
2mW/°C
2.9mW/°C
TJ
Junction Temperature Range
-65 to +200°C
Tstg
Storage Temperature Range
-65 to +200°C
THERMAL PROPERTIES (Each Side.)
Symbols Parameters
Min.
Typ.
Max. Units
RθJA
Thermal Resistance, Junction To Ambient
500
°C/W
RθJC
Thermal Resistance, Junction To Case
150
°C/W
* Total device power dissipation limited by package.


Similar Part No. - BCY71DCSM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCY71 PHILIPS-BCY71 Datasheet
51Kb / 8P
   PNP general purpose transistors
1997 Jul 11
logo
STMicroelectronics
BCY71 STMICROELECTRONICS-BCY71 Datasheet
133Kb / 5P
   GENERAL PURPOSE AMPLIFIERS
logo
Micro Electronics
BCY71 MICRO-ELECTRONICS-BCY71 Datasheet
173Kb / 2P
   PNP SILICON TRANSISTORS
logo
Central Semiconductor C...
BCY71 CENTRAL-BCY71 Datasheet
33Kb / 1P
   Small Signal Transistors
logo
Seme LAB
BCY71 SEME-LAB-BCY71 Datasheet
49Kb / 3P
   GENERAL PURPOSE PNP SILICON TRANSISTOR
More results

Similar Description - BCY71DCSM

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com