Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA5612 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA5612
Description  Multifunctional Voltage Regulator for TVs and VCRs with BS Tuner
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5612 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA5612 Datasheet HTML 1Page - Sanyo Semicon Device LA5612 Datasheet HTML 2Page - Sanyo Semicon Device LA5612 Datasheet HTML 3Page - Sanyo Semicon Device LA5612 Datasheet HTML 4Page - Sanyo Semicon Device LA5612 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Note 1: The tightening torque referred to in the above figure is a condition specified for the heat dissipation characteristics and not
a working condition to be met when mounting the heat sink.
Test Circuit
or
its equivalent
Pin Functions
No.
Symbol
Function
1VIN1
High voltage input.
2VO1
14.5 V/300 mA regulator, with reverse current prevention.
3
EN1
Regulator 1 on/off control. High active.
4VINA(+)
Amplifier A noninverting input.
5VINA(–)
Amplifier A inverting input.
6VOA
Amplifier A output.
7
GND
Substrate of the LA5612 (minimum potential).
8VOB
Amplifier B output (5 V regulator supported by external NPN transistor).
9VINB(–)
Amplifier B inverting input (5 V regulator supported by external NPN transistor).
10
EN2
Regulator 2 and regulator 3 on/off control. High active.
11
VO3
5.05 V/350 mA regulator.
12
VO2
5.05 V/350 mA regulator.
13
VIN2
Low-voltage input.
Aluminum heat sink
mounting conditions
Tightening torque: 4 kg .cm
Note 1
With plain washer and
silicone grease applied
Infinite heat sink
Ambient temperature, Ta — °C
No heat sink
Pd max — Ta
LA5612
No.5197 - 3/5


Similar Part No. - LA5612

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs
LA5613 SANYO-LA5613 Datasheet
59Kb / 4P
   VCR Regulator and Control Amplifier
LA5614M SANYO-LA5614M Datasheet
75Kb / 5P
   Charging IC for Nickel - Cadmium and Nickel Metal Hydride Batteries
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
   Microprocessor-Controlled Audio Power Supply
LA5617 SANYO-LA5617 Datasheet
43Kb / 4P
   Multi-System Power Supply for Audio Equipment
More results

Similar Description - LA5612

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs
logo
Infineon Technologies A...
TLE6711 INFINEON-TLE6711 Datasheet
265Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 2.22 2001-04-23
TLE6363 INFINEON-TLE6363 Datasheet
278Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 1.1 2000-11-8
TLE6363 INFINEON-TLE6363_03 Datasheet
770Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
Rev. 1.2 2003-06-02
TLE6711 INFINEON-TLE6711_07 Datasheet
983Kb / 25P
   Multifunctional Voltage Regulator and Watchdog
Rev. 3.4, August 2007
logo
Sanyo Semicon Device
LA5606N SANYO-LA5606N Datasheet
134Kb / 6P
   BS/CS Tuner Regulator with On/Off Function
LA5607 SANYO-LA5607 Datasheet
133Kb / 6P
   BS/CS Tuner Regulator with Reset,On/Off Function
LC7441N SANYO-LC7441N Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
logo
Toshiba Semiconductor
TA4301F TOSHIBA-TA4301F Datasheet
221Kb / 8P
   DOWN CONVERTER FOR BS TUNER IC
logo
Renesas Technology Corp
HVC316 RENESAS-HVC316 Datasheet
154Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com