Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD239409 Datasheet(PDF) 1 Page - Sensitron

Part # SHD239409
Description  HERMETIC POWER MOSFET P-CHANNEL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD239409 Datasheet(HTML) 1 Page - Sensitron

  SHD239409 Datasheet HTML 1Page - Sensitron SHD239409 Datasheet HTML 2Page - Sensitron SHD239409 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web Site - http://www.sensitron.com E-mail Address - sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4051, REV -
HERMETIC POWER MOSFET
P-CHANNEL
FEATURES:
œ -100 Volt, 0.2 Ohm, -18A MOSFET
œ Electrically Isolated Hermetically Sealed
œ Low R
DS (on)
œ Equivalent to IRF9140 Series
MAXIMUM RATINGS
ALL RATINGS ARE AT T
A = 25•C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MIN.
TYP.
MAX.
UNITS
GATE TO SOURCE VOLTAGE
VGS
-
-
–20
Volts
CONTINUOUS DRAIN CURRENT VGS=10V, TC = 25
•C
VGS=10V, TC = 100
•C
ID
-
-
-18
-11
Amps
PULSED DRAIN CURRENT
@ TC = 25
•C
IDM
-
-
-72
Amps
OPERATING AND STORAGE TEMPERATURE
TOP/TSTG
-55
-
+150
•C
TERMAL RESISTANCE JUNCTION TO CASE
R JC
-
-
0.4
•C/W
TOTAL DEVICE DISSIPATION @ TC = 25
•C
PD
-
-
300
Watts
ELECTRICAL CHARACTERISTICS
DRAIN TO SOURCE BREAKDOWN VOLTAGE
VGS = 0V, ID = 1.0mA
BVDSS
-100
-
-
Volts
DRAIN TO SOURCE ON STATE RESISTANCE
VGS = -10V, ID = -11A
VGS = -10V, ID = -18A
RDS(ON)
-
-
0.20
0.22
W
GATE THRESHOLD VOLTAGE
VDS = VGS, ID = -250
mA
VGS(th)
-2.0
-
-4.0
Volts
FORWARD TRANSCONDUCTANCE
VDS
˜ -15V, I
DS = -11A
gfs
6.2
-
-
S(1/
W)
ZERO GATE VOLTAGE DRAIN CURRENT
VDS = 0.8x Max. Rating, VGS = 0V
VDS = 0.8x Max. Rating
VGS = 0V, TJ = 125
•C
IDSS
-
-
-25
-250
mA
GATE TO SOURCE LEAKAGE FORWARD
VGS = -20V
GATE TO SOURCE LEAKAGE REVERSE
VGS = 20V
IGSS
-
-
-100
100
nA
TOTAL GATE CHARGE
VGS = -10V
GATE TO SOURCE CHARGE
VDS = Max. Ratingx0.5
GATE TO DRAIN CHARGE
ID = -18A
Qg
Qgs
Qgd
31
3.7
7.0
-
60
13
35.2
nC
TURN ON DELAY TIME
VDD = -50V,
RISE TIME
ID =-11A,
TURN OFF DELAY TIME
RG = 9.1
W
FALL TIME
td(on)
tr
td(off)
tf
-
-
35
85
85
65
nsec
DIODE FORWARD VOLTAGE
TJ = 25
•C, I
S = -18A,
VGS = 0V
VSD
-
-
-4.2
Volts
DIODE REVERSE RECOVERY TIME
TJ = 25
•C,
REVERSE RECOVERY CHARGE
IF = -18A,
di/dt = -100A/
msec,
VDD
ˆ -50V
trr
Qrr
-
-
280
3.6
nsec
mC
INPUT CAPACITANCE
VGS = 0 V,
OUTPUT CAPACITANCE
VDS = 25 V,
REVERSE TRANSFER CAPACITANCE
f = 1.0MHz
DRAIN TO CASE CAPACITANCE
Ciss
Coss
Crss
CDC
-
1400
600
200
12
-
pF
SHD239409


Similar Part No. - SHD239409

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD239501 SENSITRON-SHD239501 Datasheet
42Kb / 2P
   POWER MOSFETS
SHD239501 SENSITRON-SHD239501 Datasheet
82Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD239502 SENSITRON-SHD239502 Datasheet
58Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
SHD239502 SENSITRON-SHD239502 Datasheet
42Kb / 2P
   POWER MOSFETS
SHD239503 SENSITRON-SHD239503 Datasheet
42Kb / 2P
   POWER MOSFETS
More results

Similar Description - SHD239409

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD225409 SENSITRON-SHD225409 Datasheet
60Kb / 3P
   HERMETIC POWER MOSFET P-CHANNEL
SHD226313 SENSITRON-SHD226313 Datasheet
64Kb / 3P
   HERMETIC POWER MOSFET P-CHANNEL
SHD218409 SENSITRON-SHD218409 Datasheet
42Kb / 2P
   HERMETIC POWER MOSFET P-CHANNEL
SHD219451 SENSITRON-SHD219451 Datasheet
65Kb / 3P
   HERMETIC POWER MOSFET P-CHANNEL
SHD230409 SENSITRON-SHD230409 Datasheet
67Kb / 3P
   HERMETIC POWER MOSFET P-CHANNEL
SHD226309 SENSITRON-SHD226309 Datasheet
56Kb / 3P
   HERMETIC POWER MOSFET P-CHANNEL
SHD225452 SENSITRON-SHD225452 Datasheet
67Kb / 3P
   HERMETIC POWER MOSFET P-CHANNEL
SHD226409 SENSITRON-SHD226409 Datasheet
60Kb / 3P
   HERMETIC POWER MOSFET P-CHANNEL
SHD219409 SENSITRON-SHD219409 Datasheet
62Kb / 3P
   HERMETIC POWER MOSFET P-CHANNEL
SHD226410 SENSITRON-SHD226410 Datasheet
65Kb / 3P
   HERMETIC POWER MOSFET P-CHANNEL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com