Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS16170CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS16170CT
Description  High voltage power Schottky rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS16170CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS16170CT Datasheet HTML 1Page - STMicroelectronics STPS16170CT Datasheet HTML 2Page - STMicroelectronics STPS16170CT Datasheet HTML 3Page - STMicroelectronics STPS16170CT Datasheet HTML 4Page - STMicroelectronics STPS16170CT Datasheet HTML 5Page - STMicroelectronics STPS16170CT Datasheet HTML 6Page - STMicroelectronics STPS16170CT Datasheet HTML 7Page - STMicroelectronics STPS16170CT Datasheet HTML 8Page - STMicroelectronics STPS16170CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
July 2006
Rev 1
1/10
STPS16170C
High voltage power Schottky rectifier
Main product characteristics
Features and benefits
High junction temperature capability
Good trade-off between leakage current and
forward voltage drop
Low leakage current
Avalanche capability specified
Description
Dual centre tab Schottky rectifier designed for
high frequency switch mode power supplies.
Order codes
IF(AV)
2 x 8 A
VRRM
170 V
Tj
175° C
VF (typ)
0.70 V
Part Number
Marking
STPS16170CT
STPS16170CT
STPS16170CG
STPS16170CG
STPS16170CG-TR
STPS16170CG
STPS16170CR
STPS16170CR
STPS16170CB-TR
PS16170CB
STPS16170CB
PS16170CB
A1
A2
K
K
A1
A2
K
A1
A2
K
A1
A2
K
A1
A2
D2PAK
STPS16170CG
TO-220AB
STPS16170CT
I2PAK
STPS16170CR
DPAK
STPS16170CB
www.st.com


Similar Part No. - STPS16170CT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STPS16170CB ISC-STPS16170CB Datasheet
294Kb / 2P
   High Voltage Power Schottky Rectifier
More results

Similar Description - STPS16170CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com