Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA5692S Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA5692S
Description  Voltage Regulator Driver with Watchdog Timer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5692S Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA5692S Datasheet HTML 1Page - Sanyo Semicon Device LA5692S Datasheet HTML 2Page - Sanyo Semicon Device LA5692S Datasheet HTML 3Page - Sanyo Semicon Device LA5692S Datasheet HTML 4Page - Sanyo Semicon Device LA5692S Datasheet HTML 5Page - Sanyo Semicon Device LA5692S Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LA5692D, 5692S, 5692M
No.2770-4/6
Sample Application Circuit
Note on application
1. For stable operation, place Cin, CO, and TR1 as near to the IC as possible.
2. When used in 0°C or below it, a capacitor of which impedance at high-frequency operation is low and has a good
temperature characteristic (such as SANYO OS-CON capacitor or others) should be used to prevent oscillation.
3. Set VS to the output voltage level where the circuit will be reset using external resistors R1 and R2. VS should be set
to 4V or greater due to internal circuit operation.
4. CCK must be inserted to cut the high range element of clock noise to prevent it from becoming a reset output noise.
5. For Ct, a capacitor which less varies the capacitance according to the temperature should be used.
Timing Chart
Digital output at I/O
port of microcomputer
Application of power
Instantaneous drop
Microcomputer
operation start
Note : Edge-triggered at the point indicated by the arrow of CK signal.
CPU
abnormality
Unit (resistance :
Ω, capacitance : F)


Similar Part No. - LA5692S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5690D SANYO-LA5690D Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
LA5690S SANYO-LA5690S Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
LA5691S SANYO-LA5691S Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
LA5693AM SANYO-LA5693AM Datasheet
609Kb / 7P
   Voltage Regulator Driver with Watchdog Timer
More results

Similar Description - LA5692S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5693AM SANYO-LA5693AM Datasheet
609Kb / 7P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D_08 Datasheet
145Kb / 7P
   with Watchdog Timer Voltage Regulator Driver
LA5690D SANYO-LA5690D Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
Sanyo Semicon Device
LA5693MD SANYO-LA5693MD Datasheet
283Kb / 7P
   Monolithic Linear IC with Watchdog Timer Voltage Regulator Driver
logo
Toshiba Semiconductor
TA8005S TOSHIBA-TA8005S Datasheet
293Kb / 9P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8042F TOSHIBA-TA8042F Datasheet
389Kb / 6P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com