Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHDC625052 Datasheet(PDF) 1 Page - Sensitron

Part # SHDC625052
Description  HERMETIC SILICON CARBIDE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHDC625052 Datasheet(HTML) 1 Page - Sensitron

  SHDC625052 Datasheet HTML 1Page - Sensitron SHDC625052 Datasheet HTML 2Page - Sensitron SHDC625052 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2010 Sensitron Semiconductor
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681
PHONE (631) 586-7600
• FAX (631) 242-9798 • www.sensitron.com • sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5191, Rev. -
HERMETIC SILICON CARBIDE RECTIFIER
DESCRIPTION: A 1200-VOLT, 10 AMP POWER SILICON CARBIDE RECTIFIER IN A CERAMIC
HERMETIC TO-254 PACKAGE (GLASS SEALS NOT AVAILABLE FOR THIS VOLTAGE)
FEATURES:
NO RECOVERY TIME OR REVERSE RECOVERY LOSSES
NO TEMPERATURE INFLUENCE ON SWITCHING BEHAVIOR
High Frequency Option - Non-magnetic Glidcop leads are available for improved performance at
high frequency; use part number prefix SHDG
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
1200
Volts
MAXIMUM DC OUTPUT CURRENT (With TC = 65
OC, for part numbers
with P and N suffixes)
IO
10
Amps
MAXIMUM DC OUTPUT CURRENT (With TC = 65
OC, for part number
with D suffix or without suffix)
IO
5
Amps
MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
(t = 8.3ms, Sine) per leg, TC = 25
OC
IFRM
30
Amps
MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
(t = 10
μs, pulse) per leg, T
C = 25
OC
IFSM
100
Amps
MAXIMUM POWER DISSIPATION, TC = 25
OC
Pd
30
W
MAXIMUM THERMAL RESISTANCE, Junction to Case (PER DUAL
PACKAGE For Common Cathode/Anode Configurations)
RθJC
1.50
°C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE*
Top, Tstg
-55 to
+200
°C
* Note: SiC semiconductors will handle at or above this operating and storage temperature. However, extended
operational use of the packaged device above 175C may reduce its future performance. All qualification testing and
screening per MIL-PRF-19500 will only be performed to 175C.
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
TYP
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP (If = 5 A PER LEG) Vf TJ=25 °C
TJ=150 °C
1.65
2.55
1.80
3.00
Volts
MAXIMUM REVERSE CURRENT (1200V PIV PER LEG) Ir
TJ = 25 °C
TJ = 150 °C
0.05
0.10
0.20
1.00
mA
TOTAL CAPACITIVE CHARGE (VR = 1200V, IF = 5A, di/dt = 500A/μs) QC
28
N/A
nC
JUNCTION CAPACITANCE (Vr = 5V) per leg
CT
450
pF
SHDC625052
SHDC625052P
SHDC625052N
SHDC625052D


Similar Part No. - SHDC625052

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHDC624122 SENSITRON-SHDC624122 Datasheet
69Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122 Datasheet
66Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122D SENSITRON-SHDC624122D Datasheet
69Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122D SENSITRON-SHDC624122D Datasheet
66Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122N SENSITRON-SHDC624122N Datasheet
69Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
More results

Similar Description - SHDC625052

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD620052 SENSITRON-SHD620052 Datasheet
166Kb / 2P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674112 SENSITRON-SHD674112 Datasheet
240Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD676052 SENSITRON-SHD676052 Datasheet
52Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD620112 SENSITRON-SHD620112 Datasheet
244Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626031 SENSITRON-SHD626031 Datasheet
184Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD675052 SENSITRON-SHD675052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112 SENSITRON-SHDC626112 Datasheet
382Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122_09 Datasheet
66Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626051 SENSITRON-SHD626051 Datasheet
464Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674052 SENSITRON-SHD674052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122 Datasheet
69Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com