Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6511 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA6511
Description  Power Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6511 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA6511 Datasheet HTML 1Page - Sanyo Semicon Device LA6511 Datasheet HTML 2Page - Sanyo Semicon Device LA6511 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Operational Amplifier
Overview
The LA6511 is a BLT-dedicated 1-channel driver developed for
use in consumer and industrial equipment. (Do not use with ±
power supply)
Features and Functions
.
High output current (IO max = 2.0 A)
.
High gain
.
Wide operating voltage range (4 to 24 V)
.
Includes mute circuit (active low)
Package Dimensions
unit : mm
3024A-SIP10H
[LA6511]
SANYO : SIP10H
Specifications
Maximum Ratings at Ta=25 °C
Parameter
Symbol
Ratings
Unit
Maximum supply voltage
VCCmax
24
V
Differential input voltage
VID
24
V
Input common-mode voltage range
VIN
24
V
Allowable power dissipation
Pd max
3.1
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Operating Characteristics at Ta=25 °C, VCC = 12V
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain with no load
ICC
17
25
35
mA
Input offset voltage
VIO
RS % 10 kΩ
37
mV
Input offset voltage difference
DVIO
RS % 10 kΩ
13
mV
Input offset current
IIO
10
100
nA
Input bias current
IB
50
500
nA
Input common-mode voltage range
VICM
0.5
10
V
Common-mode signal rejection ratio
CMR
70
80
dB
Maximum output voltage
VO
RL = 8.0 Ω
8V
Voltage gain
VGO
85
dB
Slew rate
SR
0.15
V/µs
Supply voltage rejection ratio
SVR
30
µV/V
Mute-off voltage
VMOFF
1.0
V
Mute pin output current
IMUTE
40
µA
Notes)
.
Thermal shutdown function on chip.
.
The mute voltage operates versus the VMref voltage.
Ordering number: EN 4089
Monolithic Linear IC
LA6511
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
51695HA(II) No.4089-1/3


Similar Part No. - LA6511

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6510 SANYO-LA6510 Datasheet
68Kb / 4P
   1A Power Operational Amplifier
LA6510 SANYO-LA6510 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
LA6512 SANYO-LA6512 Datasheet
77Kb / 4P
   High-Voltage Dual Power Operational Amplifiers?
LA6513 SANYO-LA6513 Datasheet
77Kb / 4P
   High-Voltage Dual Power Operational Amplifiers?
More results

Similar Description - LA6511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com