Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T405Q-600 Datasheet(PDF) 4 Page - STMicroelectronics

Part # T405Q-600
Description  Sensitive 4Q 4A TRIAC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T405Q-600 Datasheet(HTML) 4 Page - STMicroelectronics

  T405Q-600 Datasheet HTML 1Page - STMicroelectronics T405Q-600 Datasheet HTML 2Page - STMicroelectronics T405Q-600 Datasheet HTML 3Page - STMicroelectronics T405Q-600 Datasheet HTML 4Page - STMicroelectronics T405Q-600 Datasheet HTML 5Page - STMicroelectronics T405Q-600 Datasheet HTML 6Page - STMicroelectronics T405Q-600 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
T405Q-600
4/7
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I(A)
T(RMS)
α=180°
P(W)
180°
α
α
Fig. 1: Maximum power dissipation versus RMS
on-state current.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
25
50
75
100
125
Tc(°C)
α=180°
I(A)
T(RMS)
Fig. 2: RMS on-state current versus case tem-
perature.
1.E-03
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t (s)
P
Z
th(j-c)
Z
th(j-c)
K=[Zth/Rth]
Fig. 3: Relative variation of thermal impedance
versus pulse duration.
1
10
100
01
234
5678
9
10
V(V)
TM
T
j=25°C
T
j=125°C
T
j max. :
V
to = 0.85 V
R
d = 100 mΩ
I(A)
TM
Fig. 4: On-state characteristics (maximum val-
ues).
1
10
100
1000
0.01
0.10
1.00
10.00
tp(ms)
T
j initial=25°C
dI/dt limitation:
50A/µs
I
TSM
I²t
I
(A), I²t(A²s)
TSM
Fig. 6: Non repetitive surge peak on-state current
for a sinusoidal pulse with width tp<10ms, and
corresponding value of I
2t.
0
5
10
15
20
25
30
35
40
1
10
100
1000
Number of cycles
Non repetitive
T
j initial=25°C
Repetitive
T
C=110°C
t=20ms
One cycle
I(A)
TSM
Fig. 5: Surge peak on-state current versus number
of cycles.


Similar Part No. - T405Q-600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T405Q-600B STMICROELECTRONICS-T405Q-600B Datasheet
70Kb / 7P
   Sensitive 4Q 4A TRIAC
T405Q-600B-TR STMICROELECTRONICS-T405Q-600B-TR Datasheet
70Kb / 7P
   Sensitive 4Q 4A TRIAC
logo
Kersemi Electronic Co.,...
T405Q-600B-TR KERSEMI-T405Q-600B-TR Datasheet
431Kb / 7P
   Sensitive 4Q 4A TRIAC
logo
STMicroelectronics
T405Q-600BTR STMICROELECTRONICS-T405Q-600BTR Datasheet
70Kb / 7P
   Sensitive 4Q 4A TRIAC
T405Q-600H STMICROELECTRONICS-T405Q-600H Datasheet
70Kb / 7P
   Sensitive 4Q 4A TRIAC
More results

Similar Description - T405Q-600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T405Q-600B-TR STMICROELECTRONICS-T405Q-600B-TR Datasheet
70Kb / 7P
   Sensitive 4Q 4A TRIAC
logo
Kersemi Electronic Co.,...
T405Q-600H KERSEMI-T405Q-600H Datasheet
431Kb / 7P
   Sensitive 4Q 4A TRIAC
logo
NTE Electronics
NTE56039 NTE-NTE56039 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com