Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8133D Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA8133D
Description  5.1 V and 8 V dual voltage regulator with disable and reset functions
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8133D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA8133D Datasheet HTML 5Page - STMicroelectronics TDA8133D Datasheet HTML 6Page - STMicroelectronics TDA8133D Datasheet HTML 7Page - STMicroelectronics TDA8133D Datasheet HTML 8Page - STMicroelectronics TDA8133D Datasheet HTML 9Page - STMicroelectronics TDA8133D Datasheet HTML 10Page - STMicroelectronics TDA8133D Datasheet HTML 11Page - STMicroelectronics TDA8133D Datasheet HTML 12Page - STMicroelectronics TDA8133D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TDA8133
Power dissipation and layout indications
9/14
5
Power dissipation and layout indications
The power is mainly dissipated by the two device buffers. It can be calculated by the
equation:
P = (VIN1-VO1) x IO1 + (VIN2-VO2) x IO2
The following table lists the different RthJA values of these packages with or without a heat
sink and the corresponding maximum power dissipation assuming:
Maximum ambient temperature = 70° C
Maximum junction temperature = 140° C
Figure 8.
Thermal resistance (junction-to-ambient) for DIP16 package without heatsink
Figure 9.
Metal plate mounted near the TDA8133D for heatsinking
Table 5.
Power dissipation
Device
Heat Sink
RthJA in °C/W
PMAX in W
TDA8133
No
50
1.4
Yes
20
3.5
TDA8133D
No
56 to 40
1.25 to 1.75
Yes
32
2.2
Copper area (cm²) (35 µm plus solder) board is face-down
To optimize the thermal conductivity of the copper
layer and the exchanges with the air, the solder
must cover the maximum amount of this area
60
40
50
10
12
0
55
45
24
8
6
Test board with
“on board” square heat sink area
Top View
Bottom View


Similar Part No. - TDA8133D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8133D STMICROELECTRONICS-TDA8133D Datasheet
133Kb / 13P
   5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
More results

Similar Description - TDA8133D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
   5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
TDA8139 STMICROELECTRONICS-TDA8139_V01 Datasheet
188Kb / 14P
   Double (5.1 V and adjustable) voltage regulator with reset and disable functions
February 2009
logo
Integral Corp.
ILA8137 INTEGRAL-ILA8137 Datasheet
133Kb / 2P
   5.1 V 5.1 V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
   ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
STV8162 STMICROELECTRONICS-STV8162_09 Datasheet
215Kb / 14P
   5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
STV8162 STMICROELECTRONICS-STV8162 Datasheet
870Kb / 12P
   5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
   5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
September 2003
STV8163 STMICROELECTRONICS-STV8163 Datasheet
113Kb / 11P
   3.3 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
   DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
logo
KODENSHI_AUK CORP.
KKA8137 KODENSHI-KKA8137 Datasheet
155Kb / 4P
   DUAL 5.1V REGULATOR WITH DISABLE AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com