Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEB1033 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEB1033
Description  PRECISION DUAL OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEB1033 Datasheet(HTML) 2 Page - STMicroelectronics

  TEB1033_05 Datasheet HTML 1Page - STMicroelectronics TEB1033_05 Datasheet HTML 2Page - STMicroelectronics TEB1033_05 Datasheet HTML 3Page - STMicroelectronics TEB1033_05 Datasheet HTML 4Page - STMicroelectronics TEB1033_05 Datasheet HTML 5Page - STMicroelectronics TEB1033_05 Datasheet HTML 6Page - STMicroelectronics TEB1033_05 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TEB1033-TEF1033-TEC1033
2/7
SCHEMATIC DIAGRAM (1/2 TEB1033)
ABSOLUTE MAXIMUM RATINGS
R1
2k
R16
4k
R2
2k
R5
4k
Q25
Q11
Q2
Q3
R6
4k
Q12
Q13
R11
1k
Q14
Q35
R18
2k
R12
812
VCC
VCC
Q29
Q27
Q21
Q37
Q38
Q28
Q30
Q22
Q36
Q17
R17
4k
R14
27
R13
27
Output
Q20
Q19
Q23
Q34
Q33
R10
45k
R9
15k
R8
150k
R7
15k
Q18
C1
43pF
C2
23pF
Non-inverting
Input
Inverting
Input
Q15
Q32
Q31
Q10
Q9
R4
1.2k
R3
60k
R15
150k
Q8
Q4
Q6
Q7
Q5
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±18
V
Vid
Differential Input Voltage
± (VCC -1)
V
Vi
Input Voltage
± VCC
V
Ptot
Power Dissipation
D suffix
N suffix
400
665
mW
Toper
Operating Free-Air Temperature Range
TEB1033
TEF1033
TEC1033
0 to +70
-40 to 105
-55 to +125
°C
Tstg
Storage Temperature
-65 to +150
°C


Similar Part No. - TEB1033_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEB1033D STMICROELECTRONICS-TEB1033D Datasheet
68Kb / 7P
   PRECISION DUAL OPERATIONAL AMPLIFIERS
TEB1033N STMICROELECTRONICS-TEB1033N Datasheet
68Kb / 7P
   PRECISION DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TEB1033_05

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
logo
Texas Instruments
TLC272 TI1-TLC272_16 Datasheet
1Mb / 53P
[Old version datasheet]   PRECISION DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TEB1033 STMICROELECTRONICS-TEB1033 Datasheet
68Kb / 7P
   PRECISION DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LT1013A TI-LT1013A Datasheet
546Kb / 30P
[Old version datasheet]   DUAL PRECISION OPERATIONAL AMPLIFIERS
LT1013 TI-LT1013 Datasheet
595Kb / 33P
[Old version datasheet]   DUAL PRECISION OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M7IDRG4 TI-TLC27M7IDRG4 Datasheet
1Mb / 50P
[Old version datasheet]   LINCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com