Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6538T Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA6538T
Description  Single-Phase Full-Wave Fan Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6538T Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA6538T Datasheet HTML 1Page - Sanyo Semicon Device LA6538T Datasheet HTML 2Page - Sanyo Semicon Device LA6538T Datasheet HTML 3Page - Sanyo Semicon Device LA6538T Datasheet HTML 4Page - Sanyo Semicon Device LA6538T Datasheet HTML 5Page - Sanyo Semicon Device LA6538T Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
No. 6518-2/6
LA6538T
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
10
V
Allowable power dissipation
Pd max
Mounted on the specified printed circuit board*
400
mW
OUT pin output current
IOUT max
0.3
A
OUT pin output voltage handling
VOUT max
9.5
V
FG output voltage handling
VFG max
10
V
FG output current
IFG max
5mA
Operating temperature
Topr
–20 to +90
°C
Storage temperature
Tstg
–55 to +150
°C
Note: * Specified printed circuit board: 20.0
× 10.0 × 0.8 mm3 paper phenolic board, wiring density: 20%.
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.5 to 9.5
V
Hall input common-mode input voltage range
VICM
0.9 to VCC – 1
V
Recommended Operating Conditions at Ta = 25°C
ILA00211
Pd max — Ta
0
600
500
300
400
100
200
192
80
100
0
--20
20
40
60
Ambient temperature, Ta — °C
Mounted on the specified
printed circuit board
Specified printed circuit board:
20.0
× 10.0 × 0.8 mm3
Paper phenolic board
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Circuit current
ICC
IN= 2.6 V, IN+ = 2.4 V, RL = ∞
10
15
mA
OUT pin output low-level voltage
VOLIO = 100 mA
0.1
0.2
V
OUT pin output high-level voltage
VOHIO = 100 mA
0.1
0.2
V
Hall bias voltage
VHB
RH = 360
Ω + 91 Ω
1.9
2.1
2.3
V
Hall amplifier gain
VG
47
50
53
dB
Hall amplifier input resistance
VINR
400
500
620
FG output low-level voltage
VFG
IFG = 3 mA
0.2
0.3
V
FG output leakage current
IFGL
VFG = 7 V
30
µA
Thermal protection circuit
T-TSD
Design guarantee*
150
180
200
°C
Electrical Characteristics at Ta = 25°C, VCC = 5 V
Note: * Design guarantee: Indicates a design target value. These parameters are not tested in the independent IC.
Truth Table
IN
IN+
OUT1
OUT2
FG
Mode
HL
HL
L
Motor operating
LH
LH
off
off
off
Thermal protection activated


Similar Part No. - LA6538T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6530 SANYO-LA6530 Datasheet
70Kb / 3P
   2-Channel BTL-Use Drivers
LA6530M SANYO-LA6530M Datasheet
81Kb / 4P
   2-channel Bridge Driver for CD and CD-ROMs
LA6531 SANYO-LA6531 Datasheet
70Kb / 3P
   2-Channel BTL-Use Drivers
LA6532 SANYO-LA6532 Datasheet
77Kb / 3P
   4-Channel BTL-Use Driver
LA6532M SANYO-LA6532M Datasheet
77Kb / 3P
   4-Channel BTL-Use Driver
More results

Similar Description - LA6538T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
   Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11961 SANYO-LB11961 Datasheet
119Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
LB1964T SANYO-LB1964T Datasheet
35Kb / 4P
   Fan Motor Single-Phase Full-Wave Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com