Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G00_1012 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74LVC1G00_1012
Description  SINGLE 2 INPUT POSITIVE NAND GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G00_1012 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button 74LVC1G00_1012 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G00_1012 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74LVC1G00
SINGLE 2 INPUT POSITIVE NAND GATE
74LVC1G00
Document number: DS32196 Rev. 2 - 2
7 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Parameter Measurement Information
Vcc
Inputs
VM
CL
RL
VI
tr/tf
1.8V±0.15V
VCC
≤2ns
VCC/2
15pF
1M
2.5V±0.2V
VCC
≤2ns
VCC/2
15pF
1M
3.3V±0.3V
3V
≤2.5ns
1.5V
15pF
1M
5V±0.5V
VCC
≤2.5ns
VCC/2
15pF
1M
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


Similar Part No. - 74LVC1G00_1012

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 NXP-74LVC1G00_10 Datasheet
425Kb / 17P
   Single 2-input NAND gate
Rev. 8-20 October 2010
More results

Similar Description - 74LVC1G00_1012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com