Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1356 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1356
Description  Audio Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1356 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1356_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1356_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1356_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1356_06 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1356
2006-11-09
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1356
Audio Power Amplifier Applications
• Low saturation voltage: VCE (sat) = −0.32 V (typ.)
(IC = −500 mA, IB = −50 mA)
• High collector power dissipation: PC = 1.2 W (Ta = 25°C)
• Complementary to 2SC3419
Absolute Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−40
V
Collector-emitter voltage
VCEO
−40
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−800
mA
Base current
IB
−80
mA
Ta = 25°C
1.2
Collector power
dissipation
Tc = 25°C
PC
5
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
JEITA
TOSHIBA
2-8H1A
Weight: 0.82 g (typ.)


Similar Part No. - 2SA1356_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1356 TOSHIBA-2SA1356 Datasheet
154Kb / 2P
   TRANSISTOR (AUDIO POWER AMPLIFIER APPLICATIONS)
More results

Similar Description - 2SA1356_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2328AYTA FAIRCHILD-KSC2328AYTA Datasheet
45Kb / 4P
   Audio Power Amplifier Applications
logo
Toshiba Semiconductor
2SA950 TOSHIBA-2SA950_07 Datasheet
304Kb / 3P
   Audio Power Amplifier Applications
logo
Fairchild Semiconductor
KSC2316 FAIRCHILD-KSC2316 Datasheet
43Kb / 4P
   Audio Power Amplifier Applications
logo
Toshiba Semiconductor
2SC2120-O TOSHIBA-2SC2120-O Datasheet
144Kb / 3P
   Audio Power Amplifier Applications
2SC4210 TOSHIBA-2SC4210_03 Datasheet
85Kb / 3P
   Audio Power Amplifier Applications
2SC3666 TOSHIBA-2SC3666_04 Datasheet
120Kb / 3P
   Audio Power Amplifier Applications
logo
Fairchild Semiconductor
KSC2328A FAIRCHILD-KSC2328A Datasheet
40Kb / 4P
   Audio Power Amplifier Applications
logo
Toshiba Semiconductor
2SA1426 TOSHIBA-2SA1426_09 Datasheet
139Kb / 4P
   Audio Power Amplifier Applications
2SA966 TOSHIBA-2SA966_07 Datasheet
120Kb / 4P
   Audio Power Amplifier Applications
2SA1621 TOSHIBA-2SA1621_07 Datasheet
144Kb / 3P
   Audio Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com