Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6557H Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA6557H
Description  Five-Channel Bridge Driver for MD and CD Players
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6557H Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA6557H Datasheet HTML 1Page - Sanyo Semicon Device LA6557H Datasheet HTML 2Page - Sanyo Semicon Device LA6557H Datasheet HTML 3Page - Sanyo Semicon Device LA6557H Datasheet HTML 4Page - Sanyo Semicon Device LA6557H Datasheet HTML 5Page - Sanyo Semicon Device LA6557H Datasheet HTML 6Page - Sanyo Semicon Device LA6557H Datasheet HTML 7Page - Sanyo Semicon Device LA6557H Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Block Diagram
No. 6350-6/8
LA6557H
1
2
3
4
5
15
16
10
11
12
13
14
FR
27
26
22
21
20
19
FR
6
7
8
9
17
18
23
24
25
28
+
CH2
Mute
CH3
CH1
CH4
CH5
Power supply for
channels 1 and 2
Power supply
for channels
3, 4, and 5
+
Signal system power supply
+
+
+
+
+
22 k
Ω 11 kΩ
11 k
11 k
11 k
22 k
22 k
22 k
MUTE
VCC1
VO1–
VO1+
VO2+
VO2–
VO4–
FWD
REV
VO5–
VO5+
VO3+
VO4+
VIN3
REG-IN
VCC-S
VIN4G
VIN4
VIN2G
VIN3G
VO3–
VCC2
REG-OUT
VREF-IN
S-GND
VIN2
VIN1G
VIN1
Thermal
shutdown circuit
The MUTE pin functions as follows:
High: output on
Low: output off
5 VREG
(with an external PNP transistor)


Similar Part No. - LA6557H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6551 SANYO-LA6551 Datasheet
352Kb / 9P
   LA6551
LA6556 SANYO-LA6556 Datasheet
293Kb / 8P
   LA6556
LA6558 SANYO-LA6558 Datasheet
90Kb / 10P
   6-CH Driver for Mini Disk
LA6559 SANYO-LA6559 Datasheet
98Kb / 9P
   5-Channel Driver
More results

Similar Description - LA6557H

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6505K ROHM-BH6505K Datasheet
209Kb / 12P
   PWM driver for CD and MD players
BH6504K ROHM-BH6504K Datasheet
271Kb / 15P
   PWM driver for CD and MD players
BH6511FS ROHM-BH6511FS Datasheet
140Kb / 8P
   4-channel PWM driver for CD and MD players
BH6518FS ROHM-BH6518FS Datasheet
164Kb / 7P
   4-channel PWM driver for CD and MD players
BA6996FP ROHM-BA6996FP Datasheet
176Kb / 11P
   5-channel BTL driver for CD and MD Players
BH6510FS ROHM-BH6510FS Datasheet
137Kb / 8P
   4-channel PWM driver for CD and MD players
logo
Sanyo Semicon Device
LV8223T SANYO-LV8223T Datasheet
150Kb / 14P
   Motor driver system in CD and MD players
LV8224FN SANYO-LV8224FN Datasheet
169Kb / 16P
   Motor driver system in CD and MD players
LV8224T SANYO-LV8224T Datasheet
187Kb / 15P
   Motor driver system in CD and MD players
LA6575H SANYO-LA6575H Datasheet
532Kb / 8P
   Five-Channel Driver (four BTL channels plus one H bridge channel) for MD and CD Player
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com