Electronic Components Datasheet Search |
|
ADC1415S065 Datasheet(PDF) 1 Page - NXP Semiconductors |
|
ADC1415S065 Datasheet(HTML) 1 Page - NXP Semiconductors |
1 / 33 page 1. General description The ADC1415S is a single channel 14-bit Analog-to-Digital Converter (ADC) optimized for high dynamic performances and low power consumption at sample rates up to 125 Msps. Pipelined architecture and output error correction ensure the ADC1415S is accurate enough to guarantee zero missing codes over the entire operating range. Supplied from a single 3 V source, it can handle output logic levels from 1.8 V to 3.3 V in CMOS mode, thanks to a separate digital output supply. The ADC1415S supports the LVDS (Low Voltage Differential Signalling) DDR (Double Data Rate) output standard. An integrated SPI (Serial Peripheral Interface) allows the user to easily configure the ADC. The device also includes a programmable gain amplifier with a flexible input voltage range. With excellent dynamic performance from the baseband to input frequencies of 170 MHz or more, the ADC1415S is ideal for use in communications, imaging and medical applications - especially in high Intermediate Frequency (IF) applications thanks to the integrated input buffer. The input buffer ensures that the input impedance remains constant and low and the performance consistent over a wide frequency range. 2. Features 3. Applications ADC1415S065/080/105/125 Single 14-bit ADC 65, 80, 105 or 125 Msps with Input Buffer CMOS or LVDS DDR digital outputs Rev. 02 — 4 June 2009 Objective data sheet I SNR, 73 dB / SFDR, 90 dBc I Input bandwidth, 600 MHz I Pin compatible with the ADC1410S065/080/105/125 I Power dissipation, 587 mW at 80 Msps, including analog input buffer I Sample rate up to 125 Msps I SPI Interface I 14-bit pipelined ADC core I Duty cycle stabilizer I Integrated input buffer I Fast OTR detection I Flexible input voltage range: 1 V (p-p) to 2 V (p-p) with 6 dB programmable fine gain I Offset binary, 2’s complement, gray code I CMOS or LVDS DDR digital outputs I Power-down and Sleep modes I INL ±1 LSB, DNL ±0.5 LSB (typical) I HVQFN40 package I Wireless and wired broadband communications I Spectral analysis I Portable instrumentation I Ultrasound equipment I Imaging systems |
Similar Part No. - ADC1415S065 |
|
Similar Description - ADC1415S065 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |