Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8400 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL8400
Description  0.2V LINEAR LED DRIVER CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8400 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL8400 Datasheet HTML 1Page - Diodes Incorporated AL8400 Datasheet HTML 2Page - Diodes Incorporated AL8400 Datasheet HTML 3Page - Diodes Incorporated AL8400 Datasheet HTML 4Page - Diodes Incorporated AL8400 Datasheet HTML 5Page - Diodes Incorporated AL8400 Datasheet HTML 6Page - Diodes Incorporated AL8400 Datasheet HTML 7Page - Diodes Incorporated AL8400 Datasheet HTML 8Page - Diodes Incorporated AL8400 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AL8400
0.2V LINEAR LED DRIVER CONTROLLER
AL8400
Document number: DS35115 Rev. 1 - 2
4 of 12
www.diodes.com
December 2010
© Diodes Incorporated
Typical Characteristics
-1
0
1
2
3
4
02
46
8
10
12
14
16
Load current (mA)
TA = 25ºC
VCC = 12V
VOUT = VFB
Load regulation
-0.1
-0.05
0
0
2468
10
12
14
16
18
20
VCC (V)
TA = 25ºC
IOUT = 1mA
VOUT = VFB
Line regulation
0.3
0.35
0.4
0.45
0.5
0.55
0.6
02468
10
12
14
16
18
20
VCC (V)
TA = 25ºC
VOUT = VFB
IOUT = 1mA
IOUT = 10mA
IOUT = 15mA
Supply current with input voltage
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0
2
4
6
8
10121416
Load current (mA)
TA = 25ºC
VOUT = VFB
VCC=2.2V
VCC=12V
VCC=18V
Supply current with load current
-1.5
-1
-0.5
0
0.5
1
1.5
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ambient Temperature (ºC)
VCC = 12V
IOUT = 1mA
VOUT = VFB
OUT voltage change with Temperature
-60
-55
-50
-45
-40
-60
-40
-20
0
20
40
60
80
100
120
140
Ambient Temperature (ºC)
VCC = 12V
IOUT = 1mA
VOUT = VFB
FB input current with Temperature


Similar Part No. - AL8400

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8400 DIODES-AL8400 Datasheet
138Kb / 8P
   The sense resistor R2 of 300m sets the LEDs nominal current at 150mA.
AL8400 DIODES-AL8400 Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
AL8400EV1 DIODES-AL8400EV1 Datasheet
138Kb / 8P
   The sense resistor R2 of 300m sets the LEDs nominal current at 150mA.
AL8400Q DIODES-AL8400Q Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
AL8400QSE-7 DIODES-AL8400QSE-7 Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
More results

Similar Description - AL8400

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1771 DIODES-AL1771 Datasheet
622Kb / 24P
   PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
logo
ON Semiconductor
CS8127 ONSEMI-CS8127 Datasheet
73Kb / 8P
   5V Linear Controller/Driver
December, 2001 - Rev. 3
CS8128 ONSEMI-CS8128 Datasheet
68Kb / 8P
   5V Linear Controller/Driver
December, 2001 - Rev. 7
logo
Cherry Semiconductor Co...
CS8127 CHERRY-CS8127 Datasheet
163Kb / 6P
   5V Linear Controller/Driver
CS8128 CHERRY-CS8128 Datasheet
166Kb / 6P
   5V Linear Controller/Driver
logo
E-CMOS Corporation
EC4216 E-CMOS-EC4216 Datasheet
372Kb / 5P
   Linear LED Driver
logo
Diodes Incorporated
AL5815 DIODES-AL5815 Datasheet
303Kb / 12P
   60V LINEAR LED CONTROLLER
logo
Unisonic Technologies
UL22 UTC-UL22 Datasheet
411Kb / 13P
   LED DRIVER CONTROLLER
logo
Mean Well Enterprises C...
SLD-80 MEANWELL-SLD-80 Datasheet
525Kb / 6P
   80W Linear LED Driver
SLD-50 MEANWELL-SLD-50 Datasheet
526Kb / 6P
   50W linear LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com