Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8400SE-7 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL8400SE-7
Description  0.2V LINEAR LED DRIVER CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8400SE-7 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL8400SE-7 Datasheet HTML 4Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 5Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 6Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 7Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 8Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 9Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 10Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 11Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AL8400
0.2V LINEAR LED DRIVER CONTROLLER
AL8400
Document number: DS35115 Rev. 1 - 2
11 of 12
www.diodes.com
December 2010
© Diodes Incorporated
Ordering Information
Device
Package Code
Packaging
(Note 3)
7” Tape and Reel
Quantity
Part Number Suffix
AL8400SE-7
SE
SOT353
3000/Tape & Reel
-7
Notes:
2.
EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
3.
Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
(1) SOT353
1
2
3
5
4
XX Y W X
( Top View )
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AL8400SE-7
SOT353
B4
Package Outline Dimensions (All Dimensions in mm)
(1) Package Type: SOT353


Similar Part No. - AL8400SE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8400SE-7 DIODES-AL8400SE-7 Datasheet
138Kb / 8P
   The sense resistor R2 of 300m sets the LEDs nominal current at 150mA.
AL8400SE-7 DIODES-AL8400SE-7 Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
More results

Similar Description - AL8400SE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1771 DIODES-AL1771 Datasheet
622Kb / 24P
   PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
logo
ON Semiconductor
CS8127 ONSEMI-CS8127 Datasheet
73Kb / 8P
   5V Linear Controller/Driver
December, 2001 - Rev. 3
CS8128 ONSEMI-CS8128 Datasheet
68Kb / 8P
   5V Linear Controller/Driver
December, 2001 - Rev. 7
logo
Cherry Semiconductor Co...
CS8127 CHERRY-CS8127 Datasheet
163Kb / 6P
   5V Linear Controller/Driver
CS8128 CHERRY-CS8128 Datasheet
166Kb / 6P
   5V Linear Controller/Driver
logo
E-CMOS Corporation
EC4216 E-CMOS-EC4216 Datasheet
372Kb / 5P
   Linear LED Driver
logo
Diodes Incorporated
AL5815 DIODES-AL5815 Datasheet
303Kb / 12P
   60V LINEAR LED CONTROLLER
logo
Unisonic Technologies
UL22 UTC-UL22 Datasheet
411Kb / 13P
   LED DRIVER CONTROLLER
logo
Mean Well Enterprises C...
SLD-80 MEANWELL-SLD-80 Datasheet
525Kb / 6P
   80W Linear LED Driver
SLD-50 MEANWELL-SLD-50 Datasheet
526Kb / 6P
   50W linear LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com