Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL8400SE-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL8400SE-7
Description  0.2V LINEAR LED DRIVER CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8400SE-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL8400SE-7 Datasheet HTML 1Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 2Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 3Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 4Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 5Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 6Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 7Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 8Page - Diodes Incorporated AL8400SE-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AL8400
0.2V LINEAR LED DRIVER CONTROLLER
AL8400
Document number: DS35115 Rev. 1 - 2
3 of 12
www.diodes.com
December 2010
© Diodes Incorporated
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VCC
Supply voltage range (-40 to 125°C)
2.2
18
V
VOUT
OUT voltage range
0.2
18
IOUT
OUT pin current
0.3
15
mA
TA
Operating ambient temperature range
-40
125
°C
Electrical Characteristics (TA = 25°C, Vdd = 3V; unless otherwise specified)
Operating conditions: TA = 25°C, VCC= 12V, VOUT = VFB, IOUT = 1mA unless otherwise stated (Note 1).
Symbol Parameter
Conditions
Min.
Typ.
Max.
Units
VFB
Feedback voltage
TA = 25°C
0.194
0.2
0.206
V
TA = -40 to 125°C
0.190
0.210
FBLOAD
Feedback pin load regulation
IOUT = 1 to 15mA
TA = 25°C
3.1
6
mV
TA = -40 to 125°C
10
FBLINE
Feedback pin line regulation
VCC = 2.2V to 18V
TA = 25°C
0.1
1.5
mV
TA = -40 to 125°C
2
FBOVR
Output voltage regulation
VOUT = 0.2V to 18V, IOUT =1mA
(Ref. Figure 1)
TA = 25°C
2
mV
TA = -40 to 125°C
3
IFB
FB input bias current
VCC = 18V
TA = 25°C
-45
nA
TA = -40 to 125°C
-200
0
ICC
Supply current
VCC = 2.2V to 18V, IOUT =10mA
TA = 25°C
0.48
1
mA
TA = -40 to 125°C
1.5
IOUT(LK)
OUT leakage current
VCC = 18V, VOUT = 18V,
VFB =0V
TA = 25°C
0.1
µA
TA = 125°C
1
ZOUT
Dynamic Output Impedance
IOUT = 1 to 15mA
f < 1kHz
TA = 25°C
0.25
0.4
Ω
TA = -40 to125°C
0.6
PSRR
Power supply rejection ratio
f = 300kHz, VAC= 0.3VPP
TA = 25°C
45
dB
BW
Amplifier Unity Gain Frequency
TA = 25°C
600
kHz
G
Amplifier Transconductance
TA = 25°C
4500
mA/V
Note:
1. Production testing of the device is performed at 25
°C. Functional operation of the device and parameters specified over the operating temperature
range are guaranteed by design, characterisation and process control.


Similar Part No. - AL8400SE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8400SE-7 DIODES-AL8400SE-7 Datasheet
138Kb / 8P
   The sense resistor R2 of 300m sets the LEDs nominal current at 150mA.
AL8400SE-7 DIODES-AL8400SE-7 Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
More results

Similar Description - AL8400SE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1771 DIODES-AL1771 Datasheet
622Kb / 24P
   PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
logo
ON Semiconductor
CS8127 ONSEMI-CS8127 Datasheet
73Kb / 8P
   5V Linear Controller/Driver
December, 2001 - Rev. 3
CS8128 ONSEMI-CS8128 Datasheet
68Kb / 8P
   5V Linear Controller/Driver
December, 2001 - Rev. 7
logo
Cherry Semiconductor Co...
CS8127 CHERRY-CS8127 Datasheet
163Kb / 6P
   5V Linear Controller/Driver
CS8128 CHERRY-CS8128 Datasheet
166Kb / 6P
   5V Linear Controller/Driver
logo
E-CMOS Corporation
EC4216 E-CMOS-EC4216 Datasheet
372Kb / 5P
   Linear LED Driver
logo
Diodes Incorporated
AL5815 DIODES-AL5815 Datasheet
303Kb / 12P
   60V LINEAR LED CONTROLLER
logo
Unisonic Technologies
UL22 UTC-UL22 Datasheet
411Kb / 13P
   LED DRIVER CONTROLLER
logo
Mean Well Enterprises C...
SLD-80 MEANWELL-SLD-80 Datasheet
525Kb / 6P
   80W Linear LED Driver
SLD-50 MEANWELL-SLD-50 Datasheet
526Kb / 6P
   50W linear LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com