Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX017 Datasheet(PDF) 9 Page - CML Microcircuits

Part # CMX017
Description  UHF FM/FSK Transmitter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX017 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button CMX017 Datasheet HTML 5Page - CML Microcircuits CMX017 Datasheet HTML 6Page - CML Microcircuits CMX017 Datasheet HTML 7Page - CML Microcircuits CMX017 Datasheet HTML 8Page - CML Microcircuits CMX017 Datasheet HTML 9Page - CML Microcircuits CMX017 Datasheet HTML 10Page - CML Microcircuits CMX017 Datasheet HTML 11Page - CML Microcircuits CMX017 Datasheet HTML 12Page - CML Microcircuits CMX017 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 1999 Consumer Microcircuits Limited
9
D/017/3
1.6.2
Powersave and Zero-Power Modes
It is possible to power down each section of the transmitter independently. This feature may be useful
when the CMX017 is configured, with the CMX018, as a radio transceiver. It allows the transmitter to
be powered on and off, thereby saving power, during the sleep and standby periods.
In SLEEP mode (ENLMOD = '0' and ENLPA = '0') all sections of the device are powered down and the
current consumption is reduced to less than 10
µA. This is the zero-power mode.
In TRANSMIT-STANDBY mode (ENLMOD = '1' and ENLPA = '0') only the PA Driver and Power
Amplifier stages are powered down, whilst the Modulator and Buffered Oscillator remain active. This
powersave mode allows the external frequency synthesizer to stabilise the channel centre -frequency
prior to the RF transmission.
In TRANSMIT mode (ENLMOD = '1' and ENLPA = '1') both the Modulator and Power Amplifier
sections of the device are fully operational.
Note: The device can be used as a stand alone “UHF Power Amplifier” by forcing (ENLMOD = '0' and
ENLPA = '1'). The efficiency is maximised by connecting the Vcc2 pin to 0V. (The Vcc1 pin must
remain connected to 3.0V.)
1.6.3
Lower Output Power Applications
For very short range applications the antenna drive can be taken from the modulator output, MODOUT,
at pin 26. The Power Amplifier is powered down by connecting Vcc3 and Vcc4 (pins 1 and 12) to 0V.
This allows the supply current to be minimised and the Modulator output to be enabled or disabled
using the ENLPA input at pin 13.
1.6.4
Example Schematic and Layout
The following schematic (Figure 3) and printed circuit layout (Figure 4) show a typical application
interface for the CMX017. To aid legibility, the schematic and layout are available electronically from
the CML website http://www.cmlmicro.co.uk or on floppy disk by request from CML's office.
Alternative components and component values are shown on the schematic. These should be
selected according to the intended application. The schematic uses the following ICs:
U2
IC Works
WB1315X
U4
Analog Devices AD8532-SO8


Similar Part No. - CMX017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
CMX017D6 ETC-CMX017D6 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
More results

Similar Description - CMX017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
TH7107 ETC2-TH7107 Datasheet
392Kb / 14P
   FSK/FM/ASK Transmitter
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
logo
List of Unclassifed Man...
CMX018 ETC-CMX018 Datasheet
343Kb / 13P
   UHF FM/FSK Receiver
logo
CML Microcircuits
CMX018 CMLMICRO-CMX018 Datasheet
870Kb / 15P
   UHF FM/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com