Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX018D6 Datasheet(PDF) 6 Page - CML Microcircuits

Part # CMX018D6
Description  UHF FM/FSK Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX018D6 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button CMX018D6 Datasheet HTML 2Page - CML Microcircuits CMX018D6 Datasheet HTML 3Page - CML Microcircuits CMX018D6 Datasheet HTML 4Page - CML Microcircuits CMX018D6 Datasheet HTML 5Page - CML Microcircuits CMX018D6 Datasheet HTML 6Page - CML Microcircuits CMX018D6 Datasheet HTML 7Page - CML Microcircuits CMX018D6 Datasheet HTML 8Page - CML Microcircuits CMX018D6 Datasheet HTML 9Page - CML Microcircuits CMX018D6 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© 1999 Consumer Microcircuits Limited
6
D/018/3
1.4
External Components
Component Values:
X1
60.175MHz
50ppm Xtal
L1
22nH
L2
680nH
L3
680nH
L4
1
µH
D1
Varactor
Varactor Diode, type SMV1233-011
~
Resonator
Co-Axial Resonator, type RG402, length = 11mm, shorted end.
C1
100nF
C2
100nF
C3
100nF
C4
200pF
C5
8 - 50pF
Trimmer
C6
5pF
C7
220pF
C8
6.8pF
C9
15pF
C10
33pF
C11
4.7pF
C12
6.2pF
C13
10nF
C14
100pF
C15
100pF
R1
10k
R2
10k
R3
2.0k
NOTE: Components are surface mount, type SMD0603, unless otherwise marked.
Figure 2 Example of CMX018 with External Components


Similar Part No. - CMX018D6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMX018D6 ETC-CMX018D6 Datasheet
343Kb / 13P
   UHF FM/FSK Receiver
More results

Similar Description - CMX018D6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMX018 ETC-CMX018 Datasheet
343Kb / 13P
   UHF FM/FSK Receiver
logo
Microchip Technology
RFRXD0420 MICROCHIP-RFRXD0420 Datasheet
658Kb / 32P
   UHF ASK/FSK/FM Receiver
2003
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
TH71102 ETC-TH71102 Datasheet
666Kb / 20P
   FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
MLX71120 MELEXIS-MLX71120_12 Datasheet
526Kb / 31P
   FSK/FM/ASK Receiver
logo
List of Unclassifed Man...
TH7111 ETC1-TH7111 Datasheet
705Kb / 20P
   FSK /FM/ASK Receiver
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com