Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2172AFGEG-7 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2172AFGEG-7
Description  1.0A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2172AFGEG-7 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2172AFGEG-7 Datasheet HTML 3Page - Diodes Incorporated AP2172AFGEG-7 Datasheet HTML 4Page - Diodes Incorporated AP2172AFGEG-7 Datasheet HTML 5Page - Diodes Incorporated AP2172AFGEG-7 Datasheet HTML 6Page - Diodes Incorporated AP2172AFGEG-7 Datasheet HTML 7Page - Diodes Incorporated AP2172AFGEG-7 Datasheet HTML 8Page - Diodes Incorporated AP2172AFGEG-7 Datasheet HTML 9Page - Diodes Incorporated AP2172AFGEG-7 Datasheet HTML 10Page - Diodes Incorporated AP2172AFGEG-7 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AP2162A/AP2172A
1.0A DUAL CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2162A/2172A
Document number: DS32192 Rev. 2 - 2
7 of 17
www.diodes.com
October 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
Short Circuit with Blanking Time and Recovery
20ms/div
Power On
1ms/div
Power Off
10ms/div
Device Enabled
1ms/div
Device Disabled
1ms/div
UVLO Increasing
1ms/div
Iout
1A/div
Vout
5V/div
FLG
5V/div
TA=25°C
CL=1μF
RL=5Ω
Vout
5V/div
FLG
5V/div
Iout
500mA/div
Vin
5V/div
VIN=5V
TA=25°C
CL=1μF
TA=25°C
CL=1μF
RL=5Ω
Vout
5V/div
FLG
5V/div
Iout
500mA/div
Vin
5V/div
TA=25°C
CL=1μF
RL=5Ω
Vout
5V/div
FLG
5V/div
Iout
500mA/div
EN
5V/div
TA=25°C
CL=1μF
RL=5Ω
FLG
5V/div
Iout
500mA/div
EN
5V/div
Vout
5V/div
TA=25°C
CL=1μF
RL=5Ω
Vin
2V/div
Iout
500mA/div
Vout
5V/div


Similar Part No. - AP2172AFGEG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2172 DIODES-AP2172 Datasheet
511Kb / 17P
   1A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
More results

Similar Description - AP2172AFGEG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2182A DIODES-AP2182A Datasheet
772Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32193 Rev. 2 - 2
AP2142A DIODES-AP2142A Datasheet
778Kb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32191 Rev. 2 - 2
AP2171DM8G-13 DIODES-AP2171DM8G-13 Datasheet
602Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2181D DIODES-AP2181D Datasheet
468Kb / 18P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32251 Rev. 1 - 2
AP2145 DIODES-AP2145_10 Datasheet
405Kb / 13P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32031 Rev. 2 - 2
AP2141D DIODES-AP2141D Datasheet
565Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
AP2141D_1009 DIODES-AP2141D_1009 Datasheet
504Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 2 - 2
AP2331TD DIODES-AP2331TD Datasheet
746Kb / 11P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH WITH OUTPUT TRANSIENT DISCHARGE
October 2017
logo
Monolithic Power System...
MP62170-1 MPS-MP62170-1 Datasheet
382Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com