Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX624 Datasheet(PDF) 8 Page - CML Microcircuits

Part # CMX624
Description  V.23 / Bell 202 Modem
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX624 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button CMX624 Datasheet HTML 4Page - CML Microcircuits CMX624 Datasheet HTML 5Page - CML Microcircuits CMX624 Datasheet HTML 6Page - CML Microcircuits CMX624 Datasheet HTML 7Page - CML Microcircuits CMX624 Datasheet HTML 8Page - CML Microcircuits CMX624 Datasheet HTML 9Page - CML Microcircuits CMX624 Datasheet HTML 10Page - CML Microcircuits CMX624 Datasheet HTML 11Page - CML Microcircuits CMX624 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
V23 / Bell 202 Modem
CMX624
 2003 CML Microsystems Plc
8
D/624/7
1.5.4
FSK Demodulator
This block is enabled when bits 1 and 5 of the FSK MODE Register are set to ‘1’, and converts the 75, 150
or 1200 bps FSK input signal to a binary received data signal which is sent to the Rx UART block.
Note that in the absence of a valid FSK signal, the demodulator may falsely interpret speech or other
extraneous signals as data.
1.5.5
Rx Energy and 2100Hz Detector
The function of this block is controlled by Bits 4 and 5 of the FSK MODE Register and Bit 0 of the TX
TONES Register.
When Bit 0 of the TX TONES Register and Bits 4 and 5 of the FSK MODE Register are set to ‘1’ this block
will measure the frequency and amplitude of the incoming signal. When a signal of 2100Hz is present of
sufficient amplitude and time Bit 4 of the FLAGS Register is set high. See Section 1.7.1 for amplitude,
time and frequency limits.
When Bit 0 of the TX TONES Register is set to ‘0’ this block compares the level of the signal at the output
of the Receive Filter against an internal threshold and may be used as a FSK level detector or a simple
Call Progress Signal detector according to the settings of bits 4 and 5 of the FSK MODE Register, which
affect the Receive Filter pass band as described in Section 1.5.3.
The required register settings are summarised in the table below:
TX TONES Reg
FSK MODE Reg
Bit 0
Bit 5
Bit 4
Detection Mode
0
0
0
Call Progress
0
1
0
75 / 150 bps FSK
0
1
1
1200 bps FSK
1
1
1
2100 Hz
Bit 4 of the FLAGS Register is set to ‘1’ by the output of this block when the received level has exceeded
the threshold for sufficient time. Amplitude and time hysteresis are used to reduce chattering in marginal
conditions.
See Section 1.7.1 for definitions of Teon and Teoff
Figure 4 Rx Energy Detector Timing
1.5.6
FSK / DTMF Modulator
When bit 7 of the TX TONES Register is set to ‘0’ then this block generates FSK signals as determined by
bits 0 and 1 of the FSK MODE Register and the Tx data bits from the UART block as shown in the tables
below:
V.23 mode (bit 7 of SETUP register = ‘0’):
FSK MODE Reg
FSK / DTMF Modulator block output
FSK Signal Frequency
Bit 1
Bit 0
(Bit 7 of TX TONES = ‘0’)
‘0’ (Space)
‘1’ (Mark)
0
x
Disabled (o/p held at VDD / 2)
-
-
1
0
75bps FSK
450Hz
390Hz
1
1
1200bps FSK
2100Hz
1300Hz


Similar Part No. - CMX624

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX625 CMLMICRO-CMX625 Datasheet
862Kb / 34P
   ISDN TA POTS Interface
CMX625D5 CMLMICRO-CMX625D5 Datasheet
862Kb / 34P
   ISDN TA POTS Interface
CMX625P4 CMLMICRO-CMX625P4 Datasheet
862Kb / 34P
   ISDN TA POTS Interface
More results

Similar Description - CMX624

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
   V.22 and Bell 212A Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Motorola, Inc
MC145745 MOTOROLA-MC145745 Datasheet
175Kb / 16P
   V.21/V.23 TELEMETER MODEM
logo
STMicroelectronics
TS7514 STMICROELECTRONICS-TS7514 Datasheet
170Kb / 19P
   PROGRAMMABLE V.23 MODEM WITH DTMF
logo
TDK Electronics
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com