Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX644AD2 Datasheet(PDF) 10 Page - CML Microcircuits

Part # CMX644AD2
Description  V.22 and Bell 212A Modem
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX644AD2 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button CMX644AD2 Datasheet HTML 6Page - CML Microcircuits CMX644AD2 Datasheet HTML 7Page - CML Microcircuits CMX644AD2 Datasheet HTML 8Page - CML Microcircuits CMX644AD2 Datasheet HTML 9Page - CML Microcircuits CMX644AD2 Datasheet HTML 10Page - CML Microcircuits CMX644AD2 Datasheet HTML 11Page - CML Microcircuits CMX644AD2 Datasheet HTML 12Page - CML Microcircuits CMX644AD2 Datasheet HTML 13Page - CML Microcircuits CMX644AD2 Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
V22 and Bell 212A Modem
CMX644A
© 2000 Consumer Microcircuits Limited
10
D/644A/6
1.5.3
Software Description
Write-only ‘C-BUS’ Registers
REGISTER
NAME
HEX
ADDRESS/
COMMAND
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
(D0)
GENERAL
RESET
$01
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
SET-UP
$E0
0
RELAY
DRIVE
DETECT
DET1
DETECT
DET0
LOOP-
BACK:
L1
LOOP-
BACK:
L0
XTAL
FRQ:
X1
XTAL
FRQ:
X0
TX
TONES
$E1
TONE
SEL
TONE /
NOTONE
DTMF /
MODEM
TONES
DTMF /
SNGL
D3
D2
D1
D0
GAIN
BLOCKS
$E2
TXGAIN
TG3
TXGAIN
TG2
TXGAIN
TG1
TXGAIN
TG0
RXGAIN
RG3
RXGAIN
RG2
RXGAIN
RG1
RXGAIN
RG0
TX DATA
BYTE
$E3
D7
D6
D5
D4
D3
D2
D1
D0
UART
MODE
$E4
0
0
SYNC/
ASYNC
STOP
BITS
B
STOP
BITS
A
PARITY
ENABLE
PARITY
ODD/
EVEN
DATA
BITS
8/7
TX PSK
MODE
$E7
0
TXON
ENAB
SCRAMB
UNLOCK
SCRAMB
ENABLE
EQUAL
ET1
EQUAL
ET0
ENABLE
HI / LO
BAND
RX PSK
MODE
$E8
0
CPBW
SELECT
DE-
SCRAMB
UNLOCK
DE-
SCRAMB
ENABLE
EQUAL
ER1
EQUAL
ER0
ENABLE
HI / LO
BAND
IRQ
MASK BITS
$EE
RX
PARITY
RING
DETECT
DETECT
RX DATA
OVER-
FLOW
RX
DATA
READY
TX DATA
UNDER-
FLOW
TX
DATA
READY
UN-SCRAM
MARK
Write-only Register Descriptions
GENERAL RESET ($01)
The reset command has no data attached to it. Application of the GENERAL RESET sets all write-only
register bits to ‘0’.
SET-UP Register ($E0)
(Bit 7)
Reserved for future use. This bit should be set to ‘0’.
RELAY DRIVE
(Bit 6)
This bit controls a low impedance pull-down transistor connected to the
RLYDRV pin to assist with the operation of an ‘off-hook relay’. When set
to ‘1’ the transistor acts as a pull-down and will sink current. When set
to ‘0’ the pin is in a high impedance state.
DETECT DET1 and DET0
(Bits 5 and 4)
These 2 bits control the operation of the receiver filter in order to facilitate
the detection of the following signals as shown in the table below:
DET1
Bit 5
DET0
Bit 4
Required Rx HI/LO Band Setting
(Register $E8, Bit 0)
Detection
Mode
0
0
As required for Rx PSK
PSK Carrier
0
1
LO = ‘0’
Call Progress
1
0
HI = ‘1’
Answer Tone
1
1
As required for Rx PSK
Detectors OFF
Rx PSK MODE register ENABLE bit should be set to ‘1’ for answertone
and call progress detection.


Similar Part No. - CMX644AD2

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX641A CMLMICRO-CMX641A Datasheet
19Kb / 2P
   The Product Data Amendment series of documents
CMX649 CMLMICRO-CMX649 Datasheet
48Kb / 1P
   The Product Data Amendment series of documents
More results

Similar Description - CMX644AD2

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
TDK Electronics
TDK-73M2901CL TDK-TDK-73M2901CL Datasheet
282Kb / 18P
   V.22 BIS SINGLE CHIP MODEM
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
logo
Projects Unlimited, Inc...
AWB-25R6-24 PUI-AWB-25R6-24 Datasheet
56Kb / 1P
   BELL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com