Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX808AP4 Datasheet(PDF) 11 Page - CML Microcircuits

Part # CMX808AP4
Description  Family Radio CTCSS ?쁔ype 2??Encoder and Decoder
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX808AP4 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button CMX808AP4 Datasheet HTML 7Page - CML Microcircuits CMX808AP4 Datasheet HTML 8Page - CML Microcircuits CMX808AP4 Datasheet HTML 9Page - CML Microcircuits CMX808AP4 Datasheet HTML 10Page - CML Microcircuits CMX808AP4 Datasheet HTML 11Page - CML Microcircuits CMX808AP4 Datasheet HTML 12Page - CML Microcircuits CMX808AP4 Datasheet HTML 13Page - CML Microcircuits CMX808AP4 Datasheet HTML 14Page - CML Microcircuits CMX808AP4 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Family Radio CTCSS 'Type 2' Encoder and Decoder
CMX808A
 2003 CML Microsystems Plc
11
D/808A/6
TONE CLONING Register (Hex address $9C)
This register enables and disables tone cloning as shown below:
$9C = $01 enables tone cloning.
$9C = $00 disables tone cloning.
Figure 4 shows the tone cloning routine.
8-bit Read Only Registers
HEX
ADDRESS/
COMMAND
REGISTER
NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
(D0)
CTCSS RX TONE
$81
SUB-AUDIO
0
0
0
0
TONE
MSB
LSB
STATUS
DECODE
BIT 2
BIT 1
BIT 0
Read Only Register Description
SUB-AUDIO STATUS Register (Hex address $81)
Reading the SUB-AUDIO STATUS register clears the interrupt (IRQN).
This register is used to indicate the status of the device as described below:
(Bits 7, 6, 5 and 4)
Reserved for future use. These will be set to "0" but should be ignored by user's
software.
TONE DECODE
(Bit 3)
This bit indicates the status of the tone decoder. A "1" indicates a tone has been
detected (TONE DECODE) and a "0" indicates the loss of the tone (NOTONE).
TONE DECODE means that a tone has been decoded and its characteristics are
defined by the bandwidth (see SUB-AUDIO CONTROL register $80, Bits 5, 4, 3
and 2) and the CTCSS RX TONE number (see SUB-AUDIO STATUS register
$81, Bits 2, 1 and 0).
When Bit 6 in the SUB-AUDIO CONTROL register $80 is set to "0" the TONE
DECODE Bit 3 will be set to "0".
Identification of a valid tone which is not in the pre-programmed list of up to 7
tones will cause the decoder to move to the TONE DECODE state with the RX
TONE address of "111" in Bits 2, 1 and 0; indicating a valid but unrecognised
tone. Loss of tone will cause the NOTONE timer to be started. If loss of tone
continues for the duration of the time-out period, then the decoder will move to
NOTONE state and the identification of pre-programmed tones will start again.
The time-out period is not user adjustable.
CTCSS RX TONE
(Bits 2, 1 and 0)
These three bits hold a Hex number. Numbers $0 to $6 represent the address
of the CTCSS tone decoded according to the tones programmed in the CTCSS
RX PROGRAM register $84. The Hex number $7 indicates the presence of any
tone that is not described by CTCSS DECODER BANDWIDTH (Bits 5, 4, 3 and
2 in the SUB-AUDIO CONTROL register $80) and CTCSS FREQUENCY (Bits
11 to 0 in the CTCSS RX PROGRAM register $84).


Similar Part No. - CMX808AP4

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX813 CMLMICRO-CMX813 Datasheet
26Kb / 2P
   The Product Data Amendment series of documents
CMX823 CMLMICRO-CMX823 Datasheet
48Kb / 3P
   The Product Data Amendment series of documents
CMX8341 CMLMICRO-CMX8341 Datasheet
2Mb / 70P
   RALCWI Vocoder
CMX838 CMLMICRO-CMX838 Datasheet
30Kb / 2P
   The Product Data Amendment series of documents
CMX850 CMLMICRO-CMX850 Datasheet
113Kb / 1P
   The Product Data Amendment series of documents
More results

Similar Description - CMX808AP4

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX335 CMLMICRO-FX335 Datasheet
380Kb / 8P
   CTCSS ENCODER / DECODER
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
logo
CML Microcircuits
MX335 CMLMICRO-MX335 Datasheet
440Kb / 9P
   CTCSS ENCODER / DECODER
MX325 CMLMICRO-MX325 Datasheet
320Kb / 7P
   CTCSS ENCODER / DECODER
FX365 CMLMICRO-FX365 Datasheet
292Kb / 8P
   COMPATIBLE CTCSS ENCODER / DECODER
DB1065 CMLMICRO-DB1065 Datasheet
552Kb / 23P
   CTCSS Encoder / Decoder Development Kit
logo
rfsolutions.ltd
RF800 RFSOLUTIONS-RF800 Datasheet
347Kb / 9P
   Radio Encoder / Decoder IC?셲
logo
List of Unclassifed Man...
SD7017 ETC1-SD7017 Datasheet
1Mb / 7P
   2-STATE ENCODER / DECODER
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com