Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7331 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7331
Description  300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7331 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7331 Datasheet HTML 1Page - Diodes Incorporated AP7331 Datasheet HTML 2Page - Diodes Incorporated AP7331 Datasheet HTML 3Page - Diodes Incorporated AP7331 Datasheet HTML 4Page - Diodes Incorporated AP7331 Datasheet HTML 5Page - Diodes Incorporated AP7331 Datasheet HTML 6Page - Diodes Incorporated AP7331 Datasheet HTML 7Page - Diodes Incorporated AP7331 Datasheet HTML 8Page - Diodes Incorporated AP7331 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP7331
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
LOW DROPOUT LINEAR REGULATOR
AP7331
Document number: DS31914 Rev. 3 - 2
2 of 13
www.diodes.com
January 2011
© Diodes Incorporated
Typical Application Circuit
1uF
IN
GND
EN
OUT
Enable
1uF
VIN
VOUT
AP7331
Fixed Output
1uF
IN
GND
EN
OUT
Enable
ADJ
R2
R1
1uF
VIN
VOUT
AP7331
Adjustable Output
Pin Descriptions
Pin Name
Pin Number
Description
SOT25
(fixed)
DFN2020-6
(fixed)
SOT25
(adj)
DFN2020-6
(adj)
IN
1
3
1
3
Voltage input pin. Bypass to ground through at least
1µF capacitor
GND
2
2
2
2
Ground
EN
3
1
3
1
Enable input, active high
ADJ
-
-
4
6
Output feedback pin
NC
4
5, 6
-
5
No connection
OUT
5
4
5
4
Voltage output pin. Bypass to ground through 1µF
ceramic capacitor
Functional Block Diagram
IN
EN
GND
OUT
Gate
Driver
0.4V
Current Limit
and Thermal
Shutdown
Fixed Version
R
R
IN
EN
GND
ADJ
OUT
Gate
Driver
0.4V
Current Limit
and Thermal
Shutdown
Adjustable Version
⎟⎟
⎜⎜
+
=
2
R
1
R
1
REF
V
OUT
V


Similar Part No. - AP7331

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AP7331

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7332 DIODES-AP7332 Datasheet
294Kb / 18P
   DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
DS35132 Rev. 1 - 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 DIODES-AP133 Datasheet
970Kb / 14P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7333 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP133 DIODES-AP133_09 Datasheet
415Kb / 15P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
AP133 Rev. 6
AP7335_1009 DIODES-AP7335_1009 Datasheet
238Kb / 17P
   300mA, Low Quiescent Current, Fast Transient
DS32259 Rev. 2 - 2
AP7332-1218FM-7 DIODES-AP7332-1218FM-7 Datasheet
298Kb / 18P
   DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com