Selected language     English  ▼


LA7160M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA7160M
Description  VHF Band RF Modulator
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
LA7160M
Ordering number : EN5570B
VHF Band RF Modulator
Monolithic Linear IC
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
13098HA (KT) / N2897HA (KT) / 73196RM No.5570-1/3
Package Dimensions
unit: mm
3035A-MFP16 (SOP16)
[LA7160M]
SANYO : MFP16
1
16
8
9
10.1
0.15
0.605
1.27
0.35
Overview
The LA7160M is an RF modulator which generates, from a
baseband video and audio signal, PLL frequency
synthesized RF TV channel signal in VHF band.
Features
• 5V operation.
• PLL synthesized RF VCO (US : 3ch, 4ch, JPN : 1ch, 2ch
only), channel selection accomplished using a single pin.
• PLL synthesized and tankless audio FM.
• The 4 or 3.58MHz (color subcarrier) reference frequency
for PLL can either be generated internally or input from
an external source.
• Package : MFP16 (SOP16)
Functions
• RF VCO
• RF mixer
• RF buffer
• Video clamp
• White clip
• Audio FM
• 4V regulator
• Reference OSC
Specifications
Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7
V
Allowable power dissipation
Pd max
250
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5V
Operating voltage range
VCC op
4.5 to 5.5
V




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7161VVHF Band RF Modulator 1 2 3 4 5 Sanyo Semicon Device
NJM2519ARF Modulator for VHF Band 1 2 3 4 5 MoreNew Japan Radio
NJM2536ARF Modulator for VHF Band 1 2 3 4 5 MoreNew Japan Radio
2SC2094NPN EPITAXIAL PLANAR TYPE for RF power amplifiers in VHF band Mobile radio applications 1 2 3 Mitsubishi Electric Semiconductor
1SS268DIODE VHF TUNER BAND SWITCH APPLICATIONS 1 2 Toshiba Semiconductor
1SV307DIODE VHF TUNER BAND SWITCH APPLICATIONS 1 2 Toshiba Semiconductor
2SK161N CHANNEL JUNCTION TYPE FM TUNER VHF BAND AMPLIFIER APPLICATIONS 1 2 3 4 Toshiba Semiconductor
SPDC to Ku Band Mixer Detector Modulator Applications 1 2 Sanyo Semicon Device
KTC3770UEPITAXIAL PLANAR NPN TRANSISTOR VHF/UHF WIDE BAND AMPLIFIER 1 2 3 4 5 KEC(Korea Electronics)
2SC5772Silicon NPN Epitaxial UHF / VHF wide band amplifier 1 2 3 4 5 MoreHitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl