Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX589 Datasheet(PDF) 3 Page - CML Microcircuits

Part # FX589
Description  Low-Voltage/High-Speed GMSK Modem
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX589 Datasheet(HTML) 3 Page - CML Microcircuits

  FX589 Datasheet HTML 1Page - CML Microcircuits FX589 Datasheet HTML 2Page - CML Microcircuits FX589 Datasheet HTML 3Page - CML Microcircuits FX589 Datasheet HTML 4Page - CML Microcircuits FX589 Datasheet HTML 5Page - CML Microcircuits FX589 Datasheet HTML 6Page - CML Microcircuits FX589 Datasheet HTML 7Page - CML Microcircuits FX589 Datasheet HTML 8Page - CML Microcircuits FX589 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Pin Number
Function
FX589DW
FX589D5
FX589P
13
14
15
16
17
18
19
20
21
22
23
24
Doc1:
Connections to the Rx Level Measurement Circuitry. A capacitor should be connected
from each pin to V
SS. See Figure 2.
Doc2:
BT: A logic level to select the modem ‘BT’ (the ratio of the Tx Filter's -3dB frequency to the Bit-
Rate). A logic “1” sets the modem to a BT of 0.5, a logic “0” to a BT of 0.3.
Tx Out: The Tx signal output from the FX589 GMSK Modem.
Tx Enable: A logic “1” applied to this input enables the transmit data path through the Tx Filter to
the “Tx Out” pin. A logic “0” will put the “Tx Out” pin to V
BIAS via a high impedance.
Tx PS: A logic “1” applied to this input will powersave all transmit circuits except for the “Tx
Clock”.
Tx Data: The logic level input for the data to be transmitted. This data should be synchronous
with the “Tx Clock”.
Rx Data: A logic level output carrying the received data, synchronous with the “Rx Clock”.
Rx Clock: A logic level clock output at the received data bit-rate.
Tx Clock: A logic level clock output at the transmit-data rate.
Rx S/N: A logic level output which may be used as an indication of the quality of the received
signal.
V
DD:
Positive supply rail. A single, stable power supply is required. Levels and voltages within this
modem are dependent upon this supply. This pin should be decoupled to V
SS by a capacitor
mounted close to the pin.


Similar Part No. - FX589

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FX5(100)-240X240T2900 KEMET-FX5(100)-240X240T2900 Datasheet
55Kb / 1P
   KEMET, FX5, Flex Suppressors, Commercial Grade
FX5(25)-120X120T2900 KEMET-FX5(25)-120X120T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
FX5(25)-240X240T2900 KEMET-FX5(25)-240X240T2900 Datasheet
53Kb / 1P
   KEMET, FX5, Flex Suppressors, Commercial Grade
FX5(25)-80X80T2900 KEMET-FX5(25)-80X80T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
FX5(50)-120X120T2900 KEMET-FX5(50)-120X120T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
More results

Similar Description - FX589

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX489 ETC-FX489 Datasheet
106Kb / 12P
   GMSK Modem
logo
CML Microcircuits
FX489 CMLMICRO-FX489 Datasheet
109Kb / 12P
   GMSK Modem
FX579 CMLMICRO-FX579 Datasheet
574Kb / 23P
   HALF DUPLEX GMSK MODEM
logo
NXP Semiconductors
NE5081 PHILIPS-NE5081 Datasheet
445Kb / 3P
   HIGH-SPEED FSK MODEM RECEIVER
August 31 1994
logo
Sanyo Semicon Device
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
   High-speed fax modem data pump
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
   HIGH SPEED FAX MODEM DATA PUMP
logo
List of Unclassifed Man...
CH2056 ETC1-CH2056 Datasheet
365Kb / 19P
   HIGH SPEED Modem and FAX FAMILY
logo
National Semiconductor ...
MM74HC942 NSC-MM74HC942 Datasheet
146Kb / 8P
   MM74HC942 is a full duplex low speed modem
logo
Maxim Integrated Produc...
MAX995EUD MAXIM-MAX995EUD Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
logo
Toshiba Semiconductor
1SS357 TOSHIBA-1SS357_07 Datasheet
282Kb / 3P
   Low Voltage High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com