Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX589 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX589
Description  Low-Voltage/High-Speed GMSK Modem
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX589 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button FX589 Datasheet HTML 2Page - CML Microcircuits FX589 Datasheet HTML 3Page - CML Microcircuits FX589 Datasheet HTML 4Page - CML Microcircuits FX589 Datasheet HTML 5Page - CML Microcircuits FX589 Datasheet HTML 6Page - CML Microcircuits FX589 Datasheet HTML 7Page - CML Microcircuits FX589 Datasheet HTML 8Page - CML Microcircuits FX589 Datasheet HTML 9Page - CML Microcircuits FX589 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Application Information ......
Rx Signal Path Description
The function of the Rx circuitry is to:
1. Set the incoming signal to a usable level.
2. Clean the signal by filtering.
3. Provide dc level thresholds for clock and data
extraction.
4. Provide clock timing information for data
extraction and external circuits.
5. Provide Rx data in a binary form.
6. Assess signal quality and provide Signal-to-Noise
information.
The output of the radio receiver's Frequency
Discriminator should be fed to the FX589's Rx Filter via
a suitable gain and dc level adjusting circuit. This gain
circuit can be built, with external components, around
the on-chip Rx Input Amplifier, with the gain set so that
the signal level at the Rx Feedback pin is nominally 1
Volt peak-to-peak (for V
DD = 5.0 V) centred around
V
BIAS when receiving a continuous “1111000011110... ”
data pattern.
Positive going signal excursions at Rx Feedback
pin will produce a logic “0” at the Rx Data Output.
Negative going excursions will produce a logic “1.”
The received signal is fed through the lowpass Rx
Filter, which has a -3dB corner frequency of 0.56 times
the data bit-rate, before being applied to the Level
Measure and Clock and Data extraction blocks.
The Level Measuring block consists of two voltage
detectors. One of which measures the amplitude of the
‘positive’ parts of the received signal; the other
measures the amplitude of the ‘negative’ portions.
External capacitors are used by these detectors, via
the Doc 1/2 pins, to form voltage- ‘hold’ or ‘integrator’
circuits. Results of the two measurements are then
processed to establish the optimum dc level decision-
thresholds for the Clock and Data extraction,
depending upon the Rx signal amplitude, BT and any
dc offset present.
Rx Circuit Control Modes
The operating characteristics of the Rx Level
Measurement and Clock Extraction circuits are
controlled, as shown in Table 2, by logic level inputs
applied to the ‘PLLacq,’ ‘Rx Hold’ and ‘RxDCacq’ pins to
suit a particular application, or to cope with changing
reception conditions.
With reference to Figure 5, the Rx Mode Control
diagram: In general, a data transmission will begin with a
preamble of, for example, “1100110011001100,” to allow
the receive modem to establish timing -and level-lock- as
quickly as possible. After the Rx carrier has been
detected, and during the time that the preamble is
expected, the ‘RxDCacq’ and ‘PLLacq’ inputs should be
switched from a logic “0 to 1” so that the Level Measuring
and Clock Extraction modes are operated and
sequenced as shown.
The ‘Rx Hold’ input should normally be held at a logic
“1” while data is being received, but may be driven to a
logic “0” to freeze the Level Measuring and Clock
Extraction circuits during a fade. If the fade lasts for less
than 200 bit periods, normal operation can be resumed
by returning the ‘Rx Hold’ input to a logic “1” at the end of
the fade. For longer fades, it may be better to reset the
Level Measuring circuits by placing the ‘RxDCacq’ to a
logic “1” for 10 to 20 bit periods.
‘Rx Hold’ has no effect on the Level Measuring
circuits while ‘RxDCacq’ is at a logic “1”, and has no
effect on the PLL while ‘PLLacq’ is at a logic “1”.
A logic “0” on ‘Rx Hold’ does not disable the ‘Rx
Clock’ output, and the Rx Data Extraction and S/N
Detector circuits will continue to operate.
PREAMBLE
DATA
’ACQUIRE’
Rx SIGNAL
INPUT
Rx CAR DET
(RSSI) INPUT
CLOCK
EXTRACTION
CCT MODE
’MEDIUM BW’
’NARROW BW’
30 BITS
’CLAMP’
’FAST PEAK
DETECT’
’AVERAGING PEAK
DETECT’
RxDCacq
PLLacq
Rx LEVEL
MEASURE
MODE
Fig.5 Rx Mode Control Diagram


Similar Part No. - FX589

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FX5(100)-240X240T2900 KEMET-FX5(100)-240X240T2900 Datasheet
55Kb / 1P
   KEMET, FX5, Flex Suppressors, Commercial Grade
FX5(25)-120X120T2900 KEMET-FX5(25)-120X120T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
FX5(25)-240X240T2900 KEMET-FX5(25)-240X240T2900 Datasheet
53Kb / 1P
   KEMET, FX5, Flex Suppressors, Commercial Grade
FX5(25)-80X80T2900 KEMET-FX5(25)-80X80T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
FX5(50)-120X120T2900 KEMET-FX5(50)-120X120T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
More results

Similar Description - FX589

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX489 ETC-FX489 Datasheet
106Kb / 12P
   GMSK Modem
logo
CML Microcircuits
FX489 CMLMICRO-FX489 Datasheet
109Kb / 12P
   GMSK Modem
FX579 CMLMICRO-FX579 Datasheet
574Kb / 23P
   HALF DUPLEX GMSK MODEM
logo
NXP Semiconductors
NE5081 PHILIPS-NE5081 Datasheet
445Kb / 3P
   HIGH-SPEED FSK MODEM RECEIVER
August 31 1994
logo
Sanyo Semicon Device
LC89210 SANYO-LC89210 Datasheet
199Kb / 10P
   High-speed fax modem data pump
logo
STMicroelectronics
ST75C520 STMICROELECTRONICS-ST75C520 Datasheet
382Kb / 45P
   HIGH SPEED FAX MODEM DATA PUMP
logo
List of Unclassifed Man...
CH2056 ETC1-CH2056 Datasheet
365Kb / 19P
   HIGH SPEED Modem and FAX FAMILY
logo
National Semiconductor ...
MM74HC942 NSC-MM74HC942 Datasheet
146Kb / 8P
   MM74HC942 is a full duplex low speed modem
logo
Maxim Integrated Produc...
MAX995EUD MAXIM-MAX995EUD Datasheet
329Kb / 13P
   High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
logo
Toshiba Semiconductor
1SS357 TOSHIBA-1SS357_07 Datasheet
282Kb / 3P
   Low Voltage High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com