Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD1210 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SMD1210
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMD1210 Datasheet(HTML) 1 Page - Diodes Incorporated

  SMD1210 Datasheet HTML 1Page - Diodes Incorporated SMD1210 Datasheet HTML 2Page - Diodes Incorporated SMD1210 Datasheet HTML 3Page - Diodes Incorporated SMD1210 Datasheet HTML 4Page - Diodes Incorporated SMD1210 Datasheet HTML 5Page - Diodes Incorporated SMD1210 Datasheet HTML 6Page - Diodes Incorporated SMD1210 Datasheet HTML 7Page - Diodes Incorporated SMD1210 Datasheet HTML 8Page - Diodes Incorporated SMD1210 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 2 - 2
1 of 33
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
Description
The ZXLD1370 is an LED driver controller IC for driving
external MOSFETs to drive high current LEDs. It is a multi-
topology controller enabling it to efficiently control the current
through series connected LEDs. The multi-topology enables
it to operate in buck, boost and buck-boost configurations.
The 60V capability coupled with its multi-topology capability
enables it to be used in a wide range of applications and
drive in excess of 15 LEDs in series.
The ZXLD1370 is a modified hysteretic controller using a
patent pending control scheme providing high output current
accuracy in all three modes of operation. High accuracy
dimming is achieved through DC control and high frequency
PWM control.
The ZXLD1370 uses two pins for fault diagnosis. A flag
output highlights a fault, while the multi-level status pin gives
further information on the exact fault.
Pin Assignments
TSSOP-16 EP
Curve showing LED current vs. TLED
Features
0.5% typical output current accuracy
6 to 60V operating voltage range
LED driver supports Buck, Boost and Buck-boost
configurations
Wide dynamic range dimming
o
20:1 DC dimming
o
1000:1 dimming range at 500Hz
Up to 1MHz switching
High temperature control of LED current using TADJ
Typical Application Circuit
Buck-boost diagram utilizing thermistor and Tadj


Similar Part No. - SMD1210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMD1210 ETC1-SMD1210 Datasheet
85Kb / 2P
   UL 1434 1st Edition CSA C22.2 No. 0 CSA TIL No. CA-3A
logo
Littelfuse
SMD1210 LITTELFUSE-SMD1210 Datasheet
88Kb / 2P
   This product line is designed for surface-mount applications with a range in hold currents from 50 mA to 1.5 A and voltages from 6 V to 30 V.
logo
HuaXinAn Electronics CO...
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
   Resettable Fuse PTC
SMD1210 HUAXINAN-SMD1210 Datasheet
382Kb / 6P
   Resettable Fuse PTC SMD1210 Series
SMD1210 HUAXINAN-SMD1210 Datasheet
412Kb / 8P
   Low Resistance Resettable Fuse PTC SMD1210 Series
More results

Similar Description - SMD1210

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
ZXLD1370_1103 DIODES-ZXLD1370_1103 Datasheet
859Kb / 36P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
ZXLD1370 DIODES-ZXLD1370_16 Datasheet
1Mb / 40P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
AL8871Q DIODES-AL8871Q Datasheet
772Kb / 28P
   60V BUCK-BOOST LED CONTROLLER
August 2020
logo
Linear Technology
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
   60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
   60V 2MHz Synchronous Buck-Boost LED Driver
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
   Buck-boost LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com