Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3761 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH3761
Description  HIGH SENSITIVITY HALL EFFECT LATCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3761 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH3761_09 Datasheet HTML 1Page - Diodes Incorporated AH3761_09 Datasheet HTML 2Page - Diodes Incorporated AH3761_09 Datasheet HTML 3Page - Diodes Incorporated AH3761_09 Datasheet HTML 4Page - Diodes Incorporated AH3761_09 Datasheet HTML 5Page - Diodes Incorporated AH3761_09 Datasheet HTML 6Page - Diodes Incorporated AH3761_09 Datasheet HTML 7Page - Diodes Incorporated AH3761_09 Datasheet HTML 8Page - Diodes Incorporated AH3761_09 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AH3761
HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
2 of 9
SEPTEMBER 2009
www.diodes.com
© Diodes Incorporated
A H 3 7 6 1 - X G - X
Packing
P : SIP3
Package
Green
A : Ammo Box (Note 3)
B : Bulk (Note 4)
W : SC59
G : Green
7 : Tape & Reel
Device
Package
Code
Packaging
(Note 2)
Bulk
7” Tape and Reel
Ammo Box
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
AH3761-PG-A
P
SIP3
NA
NA
NA
NA
4000/Box
-A
AH3761-PG-B
P
SIP3
1000
-B
NA
NA
NA
NA
AH3761-WG-7
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
3. Ammo Box is for SIP3 Spread Lead.
4. Bulk is for SIP3 Straight Lead.
Pin Assignments
(1) SIP3
(2) SC59
1. Vdd
2. GND
3.
( Top View )
OUT
1. Vdd
3.
GND 2.
OUT
( Top View )
Pin Name
P/I/O
Pin #
Description
Vdd
P
1
Positive Power Supply
GND
P
2
Ground
OUT
O
3
Output Pin
Ordering Information
Pin Descriptions


Similar Part No. - AH3761_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3761-PG-A DIODES-AH3761-PG-A Datasheet
219Kb / 3P
   AH3761 High sensitivity Hall effect latch sensor for BLDC fan and motor commutations
AH3761-PG-B DIODES-AH3761-PG-B Datasheet
219Kb / 3P
   AH3761 High sensitivity Hall effect latch sensor for BLDC fan and motor commutations
AH3761-WG-7 DIODES-AH3761-WG-7 Datasheet
219Kb / 3P
   AH3761 High sensitivity Hall effect latch sensor for BLDC fan and motor commutations
More results

Similar Description - AH3761_09

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921_11 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Taiwan Semiconductor Co...
TSH188 TSC-TSH188 Datasheet
420Kb / 8P
   Ultra High Sensitivity Hall Effect Latch
logo
Diodes Incorporated
AH920 DIODES-AH920 Datasheet
325Kb / 13P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH920 BCDSEMI-AH920 Datasheet
97Kb / 2P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921 Datasheet
629Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH921 OHHALLSENSOR-OH921 Datasheet
206Kb / 5P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
OH920 OHHALLSENSOR-OH920 Datasheet
192Kb / 4P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH921 DIODES-AH921 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH3772 DIODES-AH3772_18 Datasheet
481Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com